Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 12Page - Texas Instruments TLK10232 Datasheet HTML 13Page - Texas Instruments TLK10232 Datasheet HTML 14Page - Texas Instruments TLK10232 Datasheet HTML 15Page - Texas Instruments TLK10232 Datasheet HTML 16Page - Texas Instruments TLK10232 Datasheet HTML 17Page - Texas Instruments TLK10232 Datasheet HTML 18Page - Texas Instruments TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
3.14 10GBASE-KR Auto-Negotiation
When TLK10232 is selected to operate in 10GKR/1G-KX mode (MODE_SEL pin held low), Clause 73
Auto-Negotiation will commence after power up or hardware or software reset. The data path chosen from
the result of Auto-Negotiation will be the highest speed of 10G-KR or 1G-KX as advertised in the MDIO
ability fields (set to 10G-KR by default). If 10G-KR is chosen, link training will commence immediately
following the completion of Auto-Negotiation. Legacy devices that operate in 1G-KX mode and do not
support Clause 73 Auto Negotiation will be recognized through the Clause 73 parallel detection
mechanism.
3.15 10GBASE-KR Link Training
Link training for 10G-KR mode is performed after auto-negotiation, and follows the procedure described in
IEEE 802.3-2008. The high speed TX SERDES side will update pre-emphasis tap coefficients as
requested through the Coefficient update field. Received training patterns are monitored for bit errors
(MDIO configurable), and requests are made to update partner channel TX coefficients until optimal
settings are achieved.
The RX link training algorithm consists of sending a series of requests to move the link partner’s
transmitter tap coefficients to the center point of an error free region. Once link training has completed, the
10G-KR data path is enabled. If link is lost, the entire process repeats with auto-negotiation, link training,
and 10G-KR mode.
TLK10232 also offers a manual mode whereby coefficient update requests are handled through external
software management.
3.16 10GBASE-KR Line Rate, PLL Settings, and Reference Clock Selection
The TLK10232 includes internal low-jitter high quality oscillators that are used as frequency multipliers for
the low speed and high speed SERDES and other internal circuits of the device. Specific MDIO registers
are available for SERDES rate and PLL multiplier selection to match line rates and reference clock
(REFCLK0/1) frequencies for various applications.
The external differential reference clock has a large operating frequency range allowing support for many
different applications. A low-jitter reference clock should be used, and its frequency accuracy should be
within ±200 PPM of the incoming serial data rate (±100 PPM of nominal data rate).
When the TLK10232 device is set to operate in the 10GBASE-KR mode with a low speed side line rate of
3.125 Gbps and a high speed side line rate of 10.3125 Gbps, the reference clock choices are as shown in
Table 3-1. In general, using a higher reference clock frequency results in improved jitter performance.
Table 3-1. Specific Line Rate and Reference Clock Selection for the 10GBASE-KR Mode:
LOW SPEED SIDE
HIGH SPEED SIDE
Line Rate
SERDES PLL
Rate
REFCLKP/N
Line Rate
SERDES PLL
Rate
REFCLKP/N
(Mbps)
Multiplier
(MHz)
(Mbps)
Multiplier
(MHz)
3125
10
Full
156.25
10312.5
16.5
Full
156.25
3125
5
Full
312.5
10312.5
8.25
Full
312.5
3.17 10GBASE-KR Test Pattern Support
The TLK10232 has the capability to generate and verify various test patterns for self-test and system
diagnostic measurements. The following test patterns are supported:
•
High Speed (HS) Side: PRBS 27 – 1, PRBS 223 – 1, PRBS 231 – 1, Square Wave with Provisionable
Length, and KR Pseudo-Random Pattern
•
Low Speed (LS) Side: PRBS 27 – 1, PRBS 223 – 1, PRBS 231 – 1, High Frequency, Low Frequency,
Mixed Frequency, CRPAT, CJPAT.
16
10GBASE-KR MODE FUNCTIONAL DESCRIPTION
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com