Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 67Page - Texas Instruments TLK10232 Datasheet HTML 68Page - Texas Instruments TLK10232 Datasheet HTML 69Page - Texas Instruments TLK10232 Datasheet HTML 70Page - Texas Instruments TLK10232 Datasheet HTML 71Page - Texas Instruments TLK10232 Datasheet HTML 72Page - Texas Instruments TLK10232 Datasheet HTML 73Page - Texas Instruments TLK10232 Datasheet HTML 74Page - Texas Instruments TLK10232 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-81. KR_VS_FIFO_CONTROL_1 (continued)
Device Address: 0x01 SPACER Register Address: 0x8001 SPACER Default: 0xCC4C
Bit(s)
Name
Description
Access
Tx CTC FIFO depth selection
TX_FIFO_DEPTH[2:0]
1xx = 32 deep (Default 3’b100)011 = 24 deep
6:4
RW
(R)
010 = 16 deep001 = 12 deep
000 = 8 deep (No CTC function)
Water mark selection for receive CTC
Works in conjunction with TX_FIFO_DEPTH_SEL setting (Default
2’b11)
Depth->
32
24
26
12/8
TX_CTC_WMK_SEL[1:0]
3:2
RW
11
High
High
High
NA
(R)
10
Mid-high
Mid
High
01
Mid
Low
Low
00
Low
Low
Low
TX_Q_CNT_IPG
0 = Normal operation. (Default 1’b0)
1
RW
(R)
1 = Sequence columns are counted as IPG.
TX_CTC_Q_DROP_EN
0 = Normal operation. (Default 1’b0)
0
RW
(R)
1 = Enable Q column drop in TX CTC.
Table 8-82. KR_VS_TP_GEN_CONTROL
Device Address: 0x01SPACER Register Address:0x8002SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:6
RESERVED
For TI use only. Always reads 0.
RW
XAUI based test pattern selection on LS side. See Test pattern
procedures for more information.
RX_TPG_HLM_TEST_SEL[1:0]
00 = High Frequency test pattern(Default 2’b00)
5:4
RW
(R)
01 = Low Frequency test pattern
10 = Mixed Frequency test pattern
11 = Normal operation
XAUI based test pattern selection on LS side. See Test pattern
RX_TPG_CRPAT_TEST_EN
procedures for more information.
3
RW
(R)
0 = Normal operation. (Default 1’b0)
1 = Enables CRPAT test pattern generation
XAUI based test pattern selection on LS side. See Test pattern
RX_TPG_CJPAT_TEST_EN
procedures for more information.
2
RW
(R)
0 = Normal operation. (Default 1’b0)
1 = Enables CJPAT test pattern generation
XAUI based test pattern selection on LS side. See Test pattern
RX_TPG_10GFC_TEST_EN
procedures for more information.
1
RW
(R)
0 = Normal operation. (Default 1’b0)
1 = Enables 10 GFC CJPAT test pattern generation
XAUI based test pattern selection on LS side. See Test pattern
RX_TPG_HLM_TEST_EN
procedures for more information.
0
RW
(R)
0 = Normal operation. (Default 1’b0)
1 = Enables H/L/M test pattern generation
Table 8-83. KR_VS_TP_VER_CONTROL
Device Address: 0x01 SPACER Register Address:0x8003 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:14
RESERVED
For TI use only. Always reads 0.
RW
XAUI based test pattern selection on LS side. See Test pattern
procedures for more information.
TX_TPV_HLM_TEST_SEL[1:0]
00 = High Frequency test pattern(Default 2’b00)
13:12
RW
(R)
01 = Low Frequency test pattern
10 = Mixed Frequency test pattern
11 = Normal operation
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
71
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com