Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 14Page - Texas Instruments TLK10232 Datasheet HTML 15Page - Texas Instruments TLK10232 Datasheet HTML 16Page - Texas Instruments TLK10232 Datasheet HTML 17Page - Texas Instruments TLK10232 Datasheet HTML 18Page - Texas Instruments TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments TLK10232 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
HSTXxP
HSTXxN
INx0N
INx0P
HSRXxP
HSRXxN
OUTx0N
OUTx0P
Test Pattern
Generation
Test Pattern
Verification
Test Pattern
Verification
Test Pattern
Generation
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
4
1GBASE-KX MODE FUNCTIONAL DESCRIPTION
A simplified block diagram of the 1GBASE-KX data path is shown in Figure 4-1.
Figure 4-1. A Simplified One Channel Block Diagram of the 1GKX Data Path
4.1
Channel Sync Block
This block is used to align the deserialized signals to the proper 10-bit word boundaries. The Channel
Sync block generates a synchronization flag indicating incoming data is synchronized to the correct word
boundary. This module implements the synchronization state machine found in Figure 36-9 of the IEEE
802.3-2008 Standard. A synchronization status signal, latched low, is available to indicate synchronization
errors.
4.2
8b/10b Encoder and Decoder Blocks
As in the 10GBASE-KR operating mode, these blocks are used to convert between 10-bit (encoded) data
and 8-bit data words. They can be optionally bypassed. A code invalid signal, latched low, is available to
indicate 8b/10b encode and decode errors.
4.3
TX CTC
The transmit clock tolerance compensation (CTC) block acts as a FIFO with add and delete capabilities,
adding and deleting 2 cycles each time to support ±200ppm during IFG (no errors) between the read and
write clocks. This block implements a 12 deep asynchronous FIFO with a usable space 8 deep. It has two
separate pointer tracking systems. One determines when to delete or insert and another determines when
to reset. Inserts and deletes are only allowed during non-errored inter-frame gaps and occurs 2 cycles at a
time. It has an auto reset feature once collision occurs. If a collision occurs, the indication is latched high
until read by MDIO.
4.4
1GBASE-KX Line Rate, PLL Settings, and Reference Clock Selection
When the TLK10232 is configured to operate in the 1GBASE-KX mode, the available line rates, reference
clock frequencies, and corresponding PLL multipliers are summarized in Table 4-1.
18
1GBASE-KX MODE FUNCTIONAL DESCRIPTION
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com