Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 5Page - Texas Instruments TLK10232 Datasheet HTML 6Page - Texas Instruments TLK10232 Datasheet HTML 7Page - Texas Instruments TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments TLK10232 Datasheet HTML 10Page - Texas Instruments TLK10232 Datasheet HTML 11Page - Texas Instruments TLK10232 Datasheet HTML 12Page - Texas Instruments TLK10232 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 2-2. Pin Description - Power Pins
TERMINAL
TYPE
DESCRIPTION
SIGNAL
BGA
SERDES Analog Power.
D2, F2, G2, J2, G10,
VDDA_LS and VDDA_HS provide supply voltage for the analog circuits on the
VDDA_LS/HS
Power
F11
low-speed and high-speed sides respectively. 1.0V nominal. Can be tied
together on the application board.
SERDES Analog Power.
VDDT_LS and VDDT_HS provide termination and supply voltage for the analog
VDDT_LS/HS
F4, G4, F9
Power
circuits on the low-speed and high-speed sides respectively. 1.0V nominal. Can
be tied together on the application board.
SERDES Digital Power.
VDDD
E6, F6, H6, E8, H8
Power
VDDD provides supply voltage for the digital circuits internal to the SERDES.
1.0V nominal.
Digital Core Power.
DVDD
G6, E7, F7, H7, G8
Power
DVDD provides supply voltage to the digital core. 1.0V nominal.
SERDES Analog Regulator Power.
C3
VDDRA_LS and VDDRA_HS provide supply voltage for the internal PLL
VDDRA_LS/HS
Power
E11
regulator for Channel A low speed and high speed sides respectively. 1.5V or
1.8V nominal.
SERDES Analog Regulator Power
K3
VDDRB_LS and VDDRB_HS provide supply voltage for the internal PLL
VDDRB_LS/HS
Power
J11
regulator for Channel B low speed and high speed sides respectively. 1.5V or
1.8V nominal.
LVCMOS I/O Power.
K7
VDDO[1:0]
Power
VDDO0 and VDDO1 provide supply voltage for the LVCMOS inputs and
C7
outputs. 1.5V or 1.8V nominal. Can be tied together on the application board.
Factory Program Voltage.
VPP
D7
Power
Used during device manufacturing. The application must connect this power
supply directly to DVDD.
A2, A5, A11, B3, B4,
B7, B11, C1, C6,
C12, D3, D5, D10,
D11, E2, E4, F1, F5,
Ground.
VSS
F8, F10, F12, G1,
Ground
Common analog and digital ground.
G3, G5, G7, G11, H2,
H4, H11, J5, J12, K1,
K6, K11, L3, L4, L7,
L11, M2, M5, M12
2.4
Operating Modes
The TLK10232 is a versatile high-speed transceiver device that is designed to perform various physical
layer functions in three operating modes: 10GBASE-KR Mode, 1G-KX Mode, and General Purpose (10G)
SERDES Mode. The three modes are described in three separate sections. The device operating mode is
determined by the MODE_SEL and ST pin settings, as well as MDIO register 1E.0001 bit 10.
Table 2-3. TLK10232 Operating Mode Selection
ST = 0 (Clause 45)
ST = 1 (Clause 22)
{MODE_SEL pin, Register
1E.0001 bit 10}
1x
10G
10G
01
10G
10G
10G-KR/1G-KX
1G-KX
00
(Determined by Auto Neg)
(No Auto Neg)
Copyright © 2013, Texas Instruments Incorporated
Physical Characteristics
9
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com