Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 72Page - Texas Instruments TLK10232 Datasheet HTML 73Page - Texas Instruments TLK10232 Datasheet HTML 74Page - Texas Instruments TLK10232 Datasheet HTML 75Page - Texas Instruments TLK10232 Datasheet HTML 76Page - Texas Instruments TLK10232 Datasheet HTML 77Page - Texas Instruments TLK10232 Datasheet HTML 78Page - Texas Instruments TLK10232 Datasheet HTML 79Page - Texas Instruments TLK10232 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
8.3
PCS Registers
The registers below can be accessed only in Clause 45 mode and with device address field set to 0x03
(DEVADD [4:0] = 5’b00011). Valid only when device is in 10GBASE-KR mode.
Table 8-104. PCS_CONTROL
Device Address: 0x03 SPACER Register Address: 0x0000 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15
PCS_RESET
1 = Resets datapath and MDIO registers of all channels. Equivalent to asserting
RW/SC
(R)
RESET_N.
0 = Normal operation (Default 1’b0)
14
PCS_LOOPBACK
1 = Enables PCS loopback
RW
(R)
0 = Normal operation (Default 1’b0)
Requires Auto Negotiation and Link Training to be disabled.
13:12
RESERVED
For TI use only. Always reads 0.
RW
11
PCS_LP_MODE
1 = Enable power down mode
RW
(R)
0 = Normal operation (Default 1’b0)
10:0
RESERVED
For TI use only. Always reads 0.
RW
Table 8-105. PCS_STATUS_1
Device Address: 0x03 SPACER Register Address: 0x0001 SPACER Default: 0x0002
Bit(s)
Name
Description
Access
7
PCS_FAULT
1 = Fault condition detected on either PCS TX or PCS RX
RO
(R)
0 = No fault condition detected
This bit is cleared after Register 03.0008 is read and no fault condition occurs
after 03.0008 is read.
2
PCS_RX_LINK
1 = PCS receive link is up
RO/LL
(R)
0 = PCS receive link is down
1
PCS_LP_ABILITY
Always reads 1.
RO
(R)
1 = Supports low power mode
0 = Does not support low power mode
Table 8-106. PCS_STATUS_2
Device Address: 0x03 SPACER Register Address: 0x0008 SPACER Default: 0x8001
Bit(s)
Name
Description
Access
15:14
DEV_PRESENT
Always reads 2’b10.
RO
(R)
0x = No device responding at this address
10 = Device responding at this address
11 = No device responding at this address
11
PCS_TX_FAULT
1 = Fault condition detected on transmit path
RO/LH
(R)
0 = No fault condition detected on transmit path
10
PCS_RX_FAULT
1 = Fault condition detected on receive path
RO/LH
(R)
0 = No fault condition detected on receive path
0
PCS_10GBASER_CAPABLE
Always reads 1.
RO
(R)
1 = PCS is able to support 10GBASE-R PCS type
0 = PCS not able to support 10GBASE-R PCS type
Table 8-107. KR_PCS_STATUS_1
Device Address: 0x03 SPACER Register Address: 0x0020 SPACER Default: 0x0004
Bit(s)
Name
Description
Access
12
PCS_RX_LINK_STATUS
1 = 10GBASE-R PCS receive link up
RO
(R)
0 = 10GBASE-R PCS receive link down
2
PCS_PRBS31_ABILITY
Always reads 1.
RO
(R)
1 = PCS is able to support PRBS31 pattern testing
0 = PCS is not able to support PRBS31 testing
76
DEVICE REGISTERS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com