Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 78Page - Texas Instruments TLK10232 Datasheet HTML 79Page - Texas Instruments TLK10232 Datasheet HTML 80Page - Texas Instruments TLK10232 Datasheet HTML 81Page - Texas Instruments TLK10232 Datasheet HTML 82Page - Texas Instruments TLK10232 Datasheet HTML 83Page - Texas Instruments TLK10232 Datasheet HTML 84Page - Texas Instruments TLK10232 Datasheet HTML 85Page - Texas Instruments TLK10232 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Table 8-129. AN_LP_ADVERTISEMENT_3
Device Address: 0x07 SPACER Register Address: 0x0015 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15
AN_LP_FEC_REQUESTED
D47 bits of the link partner base page. When high, indicates link partner request
RO
(RX)
to enable FEC on the link
14
AN_LP_FEC_ABILITY
D46 bits of the link partner base page. When high, indicates link partner has FEC
(RX)
ability
13:0
AN_LP_ABILITY[24:11]
D45:D32 bits of the link partner base page. Consists of link partner technology
(RX)
ability field bits [24:11]
Table 8-130. AN_XNP_TRANSMIT_1
Device Address: 0x07 SPACER Register Address: 0x0016 SPACER Default: 0x2000
Bit(s)
Name
Description
Access
15
AN_XNP_NEXT_PAGE
NP bit (D15) in next page code word
RW
(RX)
1 = Next page available
0 = Next page not available (Default 1’b0)
14
RESERVED
Always reads 0.
RO
13
AN_MP
Message page bit (D13) in next page code word
RW
(RX)
1 = Sets MP bit to 1 indicating next page is a message page (Default 1’b1)
0 = Sets MP bit to 0 indicating next page is unformatted next page
12
AN_ACKNOWLEDGE_2
Value to be set in D12 bit of the next page code word. When set, indicates device is
RW
(RX)
able to act on the information defined in the message (Default 1’b0)
11
AN_TOGGLE
Not used. Toggle value is generated by hardware. Read value always reflects value
RW
(RX)
written, not the actual Toggle field (Default 1’b0)
10:0
AN_CODE_FIELD
Value to be set in D10:D0 bits of the next page code word. Consists of
RW
(RX)
Message/Unformatted code field value (Default 11’b00000000000)
Table 8-131. AN_XNP_TRANSMIT_2
Device Address: 0x07 SPACER Register Address: 0x0017 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:0
AN_MSG_CODE_1
Value to be set in D31:D16 bits of the next page code word. Consists of
RW
(RX)
Message/Unformatted code field value (Default 16’b0000000000000000)
Table 8-132. AN_XNP_TRANSMIT_3
Device Address: 0x07 SPACER Register Address: 0x0018 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:0
AN_MSG_CODE_2
Value to be set in D47:D32 bits of the next page code word. Consists of
RW
(RX)
Message/Unformatted code field value (Default 16’b0000000000000000)
Table 8-133. AN_LP_XNP_ABILITY_1(1)
Device Address: 0x07 SPACER Register Address: 0x0019 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15
AN_LP_XNP_NEXT_PAGE
NP bit (D15) in next page code word
RO
(RX)
1 = Next page available
0 = Next page not available (Default 1’b0)
14
AN_LP_XNP_ACKNOWLEDGE
Value in D14 bit of the next page code word. When set, indicates device is
RO
(RX)
able to act on the information defined in the message (Default 1’b0)
13
AN_LP_MP
Message page bit (D13) in next page code word
RO
(RX)
1 = Sets MP bit to 1 indicating next page is a message page
0 = Sets MP bit to 0 indicating next page is unformatted next page (Default
1’b0)
12
AN_LP_ACKNOWLEDGE_2
Value in D12 bit of the next page code word. When set, indicates device is
RO
(RX)
able to act on the information defined in the message (Default 1’b0)
(1)
To get accurate AN_LP_XNP_ABILITYT read value, Register 07.0019 should be read first before reading 07.001A and 07.001B
82
DEVICE REGISTERS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com