Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 24Page - Texas Instruments TLK10232 Datasheet HTML 25Page - Texas Instruments TLK10232 Datasheet HTML 26Page - Texas Instruments TLK10232 Datasheet HTML 27Page - Texas Instruments TLK10232 Datasheet HTML 28Page - Texas Instruments TLK10232 Datasheet HTML 29Page - Texas Instruments TLK10232 Datasheet HTML 30Page - Texas Instruments TLK10232 Datasheet HTML 31Page - Texas Instruments TLK10232 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
The computed reference clock frequencies are shown in Table 5-6 along with the valid minimum and
maximum frequency values.
3. Mark all the common frequencies that appear on both SERDES sides. Note and discard all those that
fall outside the allowed range. In this example, the common frequencies are highlighted in Table 5-6.
The highest and lowest computed reference clock frequencies must be discarded because they
exceed the recommended range.
4. Select any of the remaining marked common reference clock frequencies. Higher reference clock
frequencies are generally preferred. In this example, any of the following reference clock frequencies
can be selected: 397.4MHz, 331.167MHz, 248.375MHz, 198.7MHz, 165.583MHz, 158.96MHz, and
132.467MHz
Table 5-6. Reference Clock Frequency Selection Example
LOW SPEED SIDE SERDES
HIGH SPEED SIDE SERDES
REFERENCE CLOCK FREQUENCY (MHz)
REFERENCE CLOCK FREQUENCY (MHz)
SERDES PLL
SERDES PLL
MULTIPLIER
MULTIPLIER
COMPUTED
MIN
MAX
COMPUTED
MIN
MAX
4
496.750
250
425
4
496.750
375
425
5
397.400
200
425
5
397.400
300
425
6
331.167
166.667
416.667
6
331.167
250
416.667
8
248.375
125
312.5
8
248.375
187.5
312.5
10
198.700
122.88
250
10
198.700
150
250
12
165.583
122.88
208.333
12
165.583
125
208.333
12.5
158.960
122.88
200
12.5
158.960
153.6
200
15
132.467
122.88
166.667
15
132.467
122.88
166.667
20
99.350
122.88
125
20
99.350
122.88
125
5.9
General Purpose SERDES Mode Test Pattern Support
The TLK10232 has the capability to generate and verify various test patterns for self-test and system
diagnostic measurements. Most of the same test pattern support is available for 10G General Purpose
Mode as for 10G-KR. (See Register 1E.000B for details).
5.10 General Purpose SERDES Mode Latency
The latency through the TLK10232 in General Purpose SERDES mode is as shown in Figure 5-4. Note
that the latency ranges shown indicate static rather than dynamic latency variance, i.e., the range of
possible latencies when the serial link is initially established. During normal operation, the latency through
the device is fixed.
28
GENERAL PURPOSE (10G) SERDES MODE FUNCTIONAL
Copyright © 2013, Texas Instruments Incorporated
DESCRIPTION
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com