| Electronic Components Datasheet Search |
|
TLK10232 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLK10232 Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 102 page ![]() INx3N HSTXxP HSTXxN INx3P INx2N INx2P INx1N INx1P INx0N INx0P OUTx3N HSRXxP HSRXxN OUTx3P OUTx2N OUTx2P OUTx1N OUTx1P OUTx0N OUTx0P TLK10232 SLLSEE1 – MAY 2013 www.ti.com 3 10GBASE-KR MODE FUNCTIONAL DESCRIPTION A simplified block diagram of the transmit and receive data paths in 10GBASE-KR mode is shown in Figure 3-1. This section gives a high-level overview of how data moves through these paths, then gives a more detailed description of each block’s functionality. Figure 3-1. A Simplified One Channel KR Data Path Block Diagram 3.1 10GBASE-KR Transmit Data Path Overview In 10GBASE-KR Mode, the TLK10232 takes in XAUI data on the four low speed input lanes. The serial data in each lane is deserialized into 10-bit parallel data, then byte aligned (channel synchronized) based on comma detection. The four XAUI lanes are then aligned with one another, and the aligned data is input to four 8B/10B decoders. The decoded data is then input to the transmit clock tolerance compensation (CTC) block which compensates for any frequency offsets between the incoming XAUI data and the local reference clock. The CTC block then delivers the data to a 64B/66B encoder and a scrambler. The resulting scrambled 10GBASE-KR data is then input to a transmit gearbox which in turn delivers it to the high speed side SERDES for serialization and output through the HSTX*P/N pins. 10 10GBASE-KR MODE FUNCTIONAL DESCRIPTION Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TLK10232 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |