Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 63Page - Texas Instruments TLK10232 Datasheet HTML 64Page - Texas Instruments TLK10232 Datasheet HTML 65Page - Texas Instruments TLK10232 Datasheet HTML 66Page - Texas Instruments TLK10232 Datasheet HTML 67Page - Texas Instruments TLK10232 Datasheet HTML 68Page - Texas Instruments TLK10232 Datasheet HTML 69Page - Texas Instruments TLK10232 Datasheet HTML 70Page - Texas Instruments TLK10232 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-69. LT_TRAIN_STATUS
Device Address: 0x01 SPACER Register Address: 0x0097 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
LT_TRAINING_FAIL
1 = Training failure has been detected
3
RO
(RXG)
0 = Training failure has not been detected
LT_START_PROTOCOL
1 = Start up protocol in progress
2
RO
(RXG)
0 = Start up protocol complete
LT_FRAME_LOCK
1 = Training frame delineation detected
1
RO
(RXG)
0 = Training frame delineation not detected
LT_RX_STATUS
1 = Receiver trained and ready to receive data
0
RO
(RXG)
0 = Receiver training in progress
Table 8-70. LT_LINK_PARTNER_CONTROL
Device Address: 0x01 SPACER Register Address: 0x0098 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
LT_LP_PRESET
1 = KR preset coefficients
13
RO
(RXG)
0 = Normal operation
LT_LP_INITIALIZE
1 = Initialize KR coefficients
12
RO
(RXG)
0 = Normal operation
Swing update
11 = Reserved
LT_LP_COEFF_SWG
9
01 = Increment
RO
(RXG)
10 = Decrement
00 = Hold
Post2 tap control update
LT_LP_COEFF_PS2
11 = Reserved01 = Increment
7
RO
(RXG)
10 = Decrement
00 = Hold
Coefficient K(+1) update
11 = Reserved
LT_LP_COEFF_P1
5
01 = Increment
RO
(RXG)
10 = Decrement
00 = Hold
Coefficient K(0) update
11 = Reserved
LT_LP_COEFF_0
3
01 = Increment
RO
(RXG)
10 = Decrement
00 = Hold
Coefficient K(-1) update
11 = Reserved
LT_LP_COEFF_M1
1
01 = Increment
RO
(RXG)
10 = Decrement
00 = Hold (Default 2’b00)
Table 8-71. LT_LINK_PARTNER_STATUS
Device Address: 0x01 SPACER Register Address: 0x0099 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
1 = LP receiver has determined that training is complete and prepared to
LT_LP_RX_READY
15
receive data
RO
(RXG)
0 = LP receiver is requesting that training continue
Swing update
11 = Maximum
LT_LP_COEFF_SWG_STAT
9:8
01 = Updated
RO
(RXG)
10 = Minimum
00 = Not updated
Post2 tap control update
11 = Maximum
LT_LP_COEFF_PS2_STAT
7:6
01 = Updated
RO
(RXG)
10 = Minimum
00 = Not updated
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
67
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com