Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 28Page - Texas Instruments TLK10232 Datasheet HTML 29Page - Texas Instruments TLK10232 Datasheet HTML 30Page - Texas Instruments TLK10232 Datasheet HTML 31Page - Texas Instruments TLK10232 Datasheet HTML 32Page - Texas Instruments TLK10232 Datasheet HTML 33Page - Texas Instruments TLK10232 Datasheet HTML 34Page - Texas Instruments TLK10232 Datasheet HTML 35Page - Texas Instruments TLK10232 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
/N
INA0P/N
Channel A
Low
Speed
Side
SERDES
/N
10
10
10
10
32
TX FIFO
16
Pattern
Generator
16
16
High
Speed
Side
SERDES
20
INA1P/N
INA2P/N
INA3P/N
OUTA0P/N
OUTA1P/N
OUTA2P/N
OUTA3P/N
16
20
RX FIFO
10
10
10
10
32
Pattern
Verifier
LS PRBS
Verifier
LS PRBS
Generator
HS PRBS
Generator
HS PRBS
Verifier
10
10
10
10
Latency
Counter
10
10
10
10
Start
Counter
Stop
Counter
Transmit Data Path Covered
Receive Data Path Covered
Start
Counter
Stop
Counter
HSTXAP
HSRXAP
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
7.4
Latency Measurement Function (General Purpose SerDes Mode)
The TLK10232 includes a latency measurement function to support CPRI and OBSAI type applications.
There are two start and two stop locations for the latency counter as shown in Figure 7-2 for Channel A.
The start and stop locations are selectable through MDIO register bits. The elapsed time from a comma
detected at an assigned counter start location of a particular channel to a comma detected at an assigned
counter stop location of the same channel is measured and reported through the MDIO interface. The
function operates on one channel at a time. The following three control characters (containing commas)
are monitored:
1. K28.1 (control = 1, data = 0x3C)
2. K28.5 (control = 1, data = 0xBC)
3. K28.7 (control = 1, data = 0xFC).
The first comma found at the assigned counter start location will start up the latency counter. The first
comma detected at the assigned counter stop location will stop the latency counter. The 20-bit latency
counter result of this measurement is readable through the MDIO interface. The accuracy of the
measurement is a function of the serial bit rate at which the channel being measured is operating. The
register will return a value of 0xFFFFF if the duration between transmit and receive comma detection
exceeds the depth of the counter. Only one measurement value is stored internally until the 20-bit results
counter is read. The counter will return zero in cases where a transmit comma was never detected
(indicating the results counter never began counting). In addition, the stopwatch counter can be configured
to be started or stopped manually based on the state of the PRTAD0 pin (see MDIO register map for
details).
Figure 7-2. Location of TX and RX Comma Character Detection (Only Channel A Shown)
In high speed side SERDES full rate mode, the latency measurement function runs off of an internal clock
which is equal to the frequency of the transmit serial bit rate divided by 8. In half rate mode, the latency
measurement function runs off of an internal clock which is equal to the serial bit rate divided by 4. In
quarter rate mode, the latency measurement function runs off of an internal clock which is equal to the
serial bit rate divided by 2. In eighth rate mode, the latency measurement function runs off of a clock
which is equal to the serial bit rate.
32
ADDITIONAL FEATURES
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com