Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 15Page - Texas Instruments TLK10232 Datasheet HTML 16Page - Texas Instruments TLK10232 Datasheet HTML 17Page - Texas Instruments TLK10232 Datasheet HTML 18Page - Texas Instruments TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments TLK10232 Datasheet HTML 22Page - Texas Instruments TLK10232 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 4-1. Specific Line Rate and Reference Clock Selection for the 1GBASE-KX Mode
LOW SPEED SIDE
HIGH SPEED SIDE
Line Rate
SERDES PLL
Rate
REFCLKP/N
Line Rate
SERDES PLL
Rate
REFCLKP/N
(Mbps)
Multiplier
(MHz)
(Mbps(1) )
Multiplier
(MHz)
3125(2)
10
Full
156.25
3125(2)
10
Full
156.25
3125(2)
5
Full
312.5
3125(2)
5
Full
312.5
1250
10
Half
125(2)
1250
20
Quarter
125(2)
1250
8
Half
156.25
1250
16
Quarter
156.25
1250
8
Quarter
312.5
1250
8
Quarter
312.5
(1)
High Speed Side SERDES runs at 2x effective data rate.
(2)
Manual mode only, as auto negotiation does not support 125Mhz REFCLK or line rate of 3125Mbps. To disable automatic setting of PLL
and rate modes, write 1'b1 to bit 13 of register 0x1E.001D.
4.5
Test Pattern Generator
In 1G-KX mode, this block can be used to generate test patterns allowing the 1G-KX channel to be tested
for compliance while in a system environment or for diagnostic purposes. Test patterns generated are
high/low/mixed frequency and CRPAT long or short.
4.6
Test Pattern Verifier
The 1G-KX test pattern verifier performs the verification and error reporting for the CRPAT Long and Short
test patterns specified in Annex 36A of the IEEE 802.3-2008 standard. Errors are reported to MDIO
registers.
4.7
1GBASE-KX Mode Latency
The latency through the TLK10232 in 1G-KX mode is as shown in Figure 4-2. Note that the latency ranges
shown indicate static rather than dynamic latency variance, i.e., the range of possible latencies when the
serial link is initially established. During normal operation, the latency through the device is fixed.
Copyright © 2013, Texas Instruments Incorporated
1GBASE-KX MODE FUNCTIONAL DESCRIPTION
19
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com