Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 79Page - Texas Instruments TLK10232 Datasheet HTML 80Page - Texas Instruments TLK10232 Datasheet HTML 81Page - Texas Instruments TLK10232 Datasheet HTML 82Page - Texas Instruments TLK10232 Datasheet HTML 83Page - Texas Instruments TLK10232 Datasheet HTML 84Page - Texas Instruments TLK10232 Datasheet HTML 85Page - Texas Instruments TLK10232 Datasheet HTML 86Page - Texas Instruments TLK10232 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-133. AN_LP_XNP_ABILITY_1(1) (continued)
Device Address: 0x07 SPACER Register Address: 0x0019 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
11
AN_LP_TOGGLE
Value of D11 bit of the next page code word. Consists of Toggle field
RO
(RX)
value(Default 1’b0)
10:0
AN_ LP_CODE_FIELD
Value in D10:D0 bits of the next page code word. Consists of
RO
(RX)
Message/Unformatted code field value (Default 11’b00000000000)
Table 8-134. AN_LP_XNP_ABILITY_2
Device Address: 0x07 SPACER Register Address: 0x001A SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:0
AN_LP_MSG_CODE_1
Value to be set in D31:D16 bits of the next page code word. Consists of
RO
(RX)
Message/Unformatted code field value (Default 16’b0000000000000000)
Table 8-135. AN_LP_XNP_ABILITY_3
Device Address: 0x07 SPACER Register Address: 0x001B SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:0
AN_LP_MSG_CODE_2
Value to be set in D47:D32 bits of the next page code word. Consists of
RO
(RX)
Message/Unformatted code field value (Default 16’b0000000000000000)
Table 8-136. AN_BP_STATUS
Device Address: 0x07 SPACER Register Address: 0x0030 SPACER Default: 0x0001
Bit(s)
Name
Description
Access
4
AN_10G_KR_FEC
1 = PMA/PMD is negotiated to perform 10GBASE-KR FEC
RO
(RX)
3
AN_10G_KR
1 = PMA/PMD is negotiated to perform 10GBASE-KR
(RX)
1
AN_1G_KX
1 = PMA/PMD is negotiated to perform 1000BASE-KX
(RX)
0
AN_BP_AN_ABILITY
Always reads 1.
(RX)
1 = Indicates 1000BASE-KX, 10GBASE-KR is implemented
Table 8-137. TI_Reserved Control and Status Registers
Register Name
Register
Default
Access
Register Name
Register
Default
Access
Address
Value
Address
Value
TI_RESERVED_CONTROL
1E.8000
0x04C0
RW
TI_RESERVED_STATUS
1E.A014
0x0000
RO
TI_RESERVED_CONTROL
1E.8001
0x0207
RW
TI_RESERVED_STATUS
1E.A015
0x0000
RO
TI_RESERVED_CONTROL
1E.8002
0x02FE
RW
TI_RESERVED_STATUS
1E.A016
0x0000
RO
TI_RESERVED_CONTROL
1E.8005
0x0000
RW
TI_RESERVED_STATUS
1E.A017
0x0000
RO
TI_RESERVED_CONTROL
1E.8006
0x0000
RW
TI_RESERVED_STATUS
1E.A018
0x0000
RO
TI_RESERVED_CONTROL
1E.8007
0x8000
RW
TI_RESERVED_CONTROL
1E.A116
0x0000
RW
TI_RESERVED_CONTROL
1E.8008
0x0000
RW
TI_RESERVED_CONTROL
1E.A117
0x0000
RW
TI_RESERVED_CONTROL
1E.8009
0xFC00
RW
TI_RESERVED_STATUS
1E.A118
0x0000
RO
TI_RESERVED_CONTROL
1E.800A
0xBC3C
RW
TI_RESERVED_STATUS
1E.A119
0x0000
RO
TI_RESERVED_CONTROL
1E.800B
0x0000
RW
TI_RESERVED_CONTROL
01.8000
0x4800
RW
TI_RESERVED_CONTROL
1E.800C
0x0000
RW
TI_RESERVED_STATUS
01.801F
0xFFFD
COR
TI_RESERVED_CONTROL
1E.800D
0x01FC
RW
TI_RESERVED_STATUS
01.8020
0xFFFD
COR
TI_RESERVED_CONTROL
1E.800E
0x0000
RW
TI_RESERVED_STATUS
01.8021
0xFFFD
COR
TI_RESERVED_CONTROL
1E.800F
0x00C0
RW
TI_RESERVED_STATUS
01.8022
0xFFFD
COR
TI_RESERVED_CONTROL
1E.8011
0x7F00
RW
TI_RESERVED_STATUS
01.8023
0xFFFF
COR
TI_RESERVED_STATUS
1E.8012
0xFFFD
COR
TI_RESERVED_STATUS
01.8024
0xFFFD
COR
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
83
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com