Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 2Page - Texas Instruments TLK10232 Datasheet HTML 3Page - Texas Instruments TLK10232 Datasheet HTML 4Page - Texas Instruments TLK10232 Datasheet HTML 5Page - Texas Instruments TLK10232 Datasheet HTML 6Page - Texas Instruments TLK10232 Datasheet HTML 7Page - Texas Instruments TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments TLK10232 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
2.3
Terminal Functions
The details of the terminal functions of the TLK10232 are provided in Table 2-1 and Table 2-2.
Table 2-1. Pin Description - Signal Pins
TERMINAL
DIRECTION
TYPE
DESCRIPTION
SIGNAL
BGA
SUPPLY
CHANNEL A
High Speed Transmit Channel A Output. HSTXAP and HSTXAN comprise the high
HSTXAP
D12
Output
speed side transmit direction Channel A differential serial output signal. During device
HSTXAN
E12
CML VDDA_HS
reset (RESET_N asserted low) these pins are driven differential zero. These CML outputs
must be AC coupled.
High Speed Receive Channel A Input. HSRXAP and HSRXAN comprise the high speed
HSRXAP
B12
Input
side receive direction Channel A differential serial input signal. These CML input signals
HSRXAN
A12
CML VDDA_HS
must be AC coupled.
D1/E1
B2/C2
Input
Low Speed Channel A Inputs. INAP and INAN comprise the low speed side transmit
INA[3:0]P/N
A1/B1
CML VDDA_LS
direction Channel A differential input signals. These signals must be AC coupled.
A4/A3
F3/E3
Low Speed Channel A Outputs. OUTAP and OUTAN comprise the low speed side
C4/C5
Output
OUTA[3:0]P/N
receive direction Channel A differential output signals. During device reset (RESET_N
B5/B6
CML VDDA_LS
asserted low) these pins are driven differential zero. These signals must be AC coupled.
A6/A7
Channel A Receive Loss Of Signal (LOS) Indicator.
LOSA=0: Signal detected.
LOSA=1: Loss of signal.
Loss of signal detection is based on the input signal level. When HSRXAP/N has a
differential input signal swing of
≤75 mVpp, LOSA will be asserted (if enabled). If the input
signal is greater than 150 mVp-p, LOS will be deasserted. Outside of these ranges, the
Output LVCMOS
LOS indication is undefined.
LOSA
E9
1.5V/1.8V
Other functions can be observed on LOSA real-time, configured via MDIO
VDDO0 40
Ω Driver
During device reset (RESET_N asserted low) this pin is driven low. During pin based
power down (PDTRXA_N asserted low), this pin is floating. During register based power
down, this pin is floating.
It is highly recommended that LOSA be brought to an easily accessible point on the
application board (header) in the event that debug is required.
Channel A Receive Lane Alignment Status Indicator.
Lane alignment status signal received from a Lane Alignment Slave on the link partner
Input LVCMOS
LS_OK_IN_A
B10
device. Valid in 10G General Purpose Serdes Mode.
1.5V/1.8V VDDO0
LS_OK_IN_A=0: Channel A link partner receive lanes not aligned.
LS_OK_IN_A=1: Channel A link partner receive lanes aligned
Channel A Transmit Lane Alignment Status Indicator.
Output LVCMOS
Lane alignment status signal sent to a Lane Alignment Master on the link partner device.
LS_OK_OUT_A
D9
1.5V/1.8V
Valid in 10G General Purpose Serdes Mode.
VDDO0 40
Ω Driver
LS_OK_OUT_A=0: Channel A link partner transmit lanes not aligned.
LS_OK_OUT_A=1: Channel A link partner transmit lanes aligned.
Transceiver Power Down.
Input LVCMOS
When this pin is held low (asserted), Channel A is placed in power down mode. When
PDTRXA_N
A8
1.5V/1.8V VDDO0
deasserted, Channel A operates normally. After deassertion, a software data path reset
should be issued through the MDIO interface.
CHANNEL B
High Speed Transmit Channel B Output. HSTXBP and HSTXBN comprise the high
HSTXBP
K12
Output CML
speed side transmit direction Channel B differential serial output signal. During device
HSTXBN
L12
VDDA_HS
reset (RESET_N asserted low) these pins are driven differential zero. These CML outputs
must be AC coupled.
High Speed Receive Channel B Input. HSRXBP and HSRXBN comprise the high speed
HSRXBP
H12
Input CML
side receive direction Channel B differential serial input signal. These CML input signals
HSRXBN
G12
VDDA_HS
must be AC coupled.
M3/M4
L1/M1
Input CML
Low Speed Channel B Inputs. INBP and INBN comprise the low speed side transmit
INB[3:0]P/N
K2/L2
VDDA_LS
direction Channel B differential input signals. These signals must be AC coupled.
H1/J1
M7/M6
Low Speed Channel B Outputs. OUTBP and OUTBN comprise the low speed side
L6/L5
Output CML
OUTB[3:0]P/N
receive direction Channel B differential output signals. During device reset (RESET_N
K5/K4
VDDA_LS
asserted low) these pins are driven differential zero. These signals must be AC coupled.
J3/H3
6
Physical Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com