Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 4Page - Texas Instruments TLK10232 Datasheet HTML 5Page - Texas Instruments TLK10232 Datasheet HTML 6Page - Texas Instruments TLK10232 Datasheet HTML 7Page - Texas Instruments TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments TLK10232 Datasheet HTML 10Page - Texas Instruments TLK10232 Datasheet HTML 11Page - Texas Instruments TLK10232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Table 2-1. Pin Description - Signal Pins (continued)
TERMINAL
DIRECTION
TYPE
DESCRIPTION
SIGNAL
BGA
SUPPLY
MDIO Port Address. Used to select the MDIO port address.
PRTAD[4:1] selects the MDIO port address. The TLK10232 has two different MDIO port
addresses. Selecting a unique PRTAD[4:1] per TLK10232 device allows 16 TLK10232
devices per MDIO bus. Each channel can be accessed by setting the appropriate port
M8
address field within the serial interface protocol transaction.
J6
Input LVCMOS
The TLK10232 will respond if the 4 MSB’s of the port address field on MDIO protocol
PRTAD[4:0]
L9
1.5V/1.8V VDDO[1:0]
(PA[4:1]) matches PRTAD[4:1].
G9
If PA[0] = 1’b0, TLK10232 Channel A will respond.
E10
If PA[0] = 1’b1, TLK10232 Channel B will respond.
PRTAD0 is not needed for port addressing, but can be used as a general purpose input
pin to control the switching function or the stopwatch latency measurement. If these
functions are not needed, PRTAD0 should be grounded on the application board.
Input LVCMOS
Low True Device Reset. RESET_N must be held asserted (low logic level) for at least
RESET_N
H5
1.5V/1.8V VDDO01
10us after device power stabilization.
Input LVCMOS
MDIO Clock Input. Clock input for the MDIO interface.
MDC
J8
with Hysteresis
Note that an external pullup is generally not required on MDC except if driven by an open-
1.5V/1.8V VDDO1
drain/open-collector clock source.
MDIO Data I/O. MDIO interface data input/output signal for the MDIO interface. This
signal must be externally pulled up to VDDO using a 2k
Ω resistor.
During device reset (RESET_N asserted low) this pin is floating. During software initiated
Input/ Output
power down the management interface remains active for control register writes and
MDIO
J7
LVCMOS 1.5V/1.8V
reads. Certain status bits will not be deterministic as their generating clock source may be
VDDO1 25
Ω Driver
disabled as a result of asserting either power down input signal. During pin based power
down (PDTRXA_N and PDTRXB_N asserted low), this pin is floating. During register
based power down, this pin is driven normally.
JTAG Input Data. TDI is used to serially shift test data and test instructions into the
Input LVCMOS
device during the operation of the test port. In system applications where JTAG is not
TDI
C8
1.5V/1.8V VDDO0
implemented, this input signal may be left floating.
(Internal Pullup)
During pin based power down (PDTRXA_N and PDTRXB_N asserted low), this pin is not
pulled up. During register based power down, this pin is pulled up normally.
JTAG Output Data. TDO is used to serially shift test data and test instructions out of the
device during operation of the test port. When the JTAG port is not in use, TDO is in a
Output LVCMOS
high impedance state.
TDO
D6
1.5V/1.8V VDDO0
During device reset (RESET_N asserted low) this pin is floating. During pin based power
50
Ω Driver
down (PDTRXA_N and PDTRXB_N asserted low), this pin is not pulled up. During
register based power down, this pin is pulled up normally.
JTAG Mode Select. TMS is used to control the state of the internal test-port controller. In
Input LVCMOS
system applications where JTAG is not implemented, this input signal can be left
TMS
B8
1.5V/1.8V VDDO0
unconnected.
(Internal Pullup)
During pin based power down (PDTRXA_N and PDTRXB_N asserted low), this pin is not
pulled up. During register based power down, this pin is pulled up normally.
Input LVCMOS
JTAG Clock. TCK is used to clock state information and test data into and out of the
TCK
D8
with Hysteresis
device during boundary scan operation. In system applications where JTAG is not
1.5V/1.8V VDDO0
implemented, this input signal should be grounded.
JTAG Test Reset. TRST_N is used to reset the JTAG logic into system operational
mode. This input can be left unconnected in the application and is pulled down internally,
Input LVCMOS
disabling the JTAG circuitry. If JTAG is implemented on the application board, this signal
TRST_N
E5
1.5V/1.8V VDDO0
should be deasserted (high) during JTAG system testing, and otherwise asserted (low)
(Internal Pulldown)
during normal operation mode.
During pin based power down (PDTRXA_N and PDTRXB_N asserted low), this pin is not
pulled up. During register based power down, this pin is pulled up normally.
Test Enable. This signal is used during the device manufacturing process. It should be
Input LVCMOS
grounded through a resistor in the device application board. The application board should
TESTEN
L10
1.5V/1.8V VDDO1
allow the flexibility of easily reworking this signal to a high level if device debug is
necessary (by including an uninstalled resistor to VDDO).
General Purpose Input. This signal is used during the device manufacturing process. It
Input LVCMOS
should be grounded through a resistor on the device application board. The application
GPI0
J10
1.5V/1.8V VDDO1
board should also allow the flexibility of easily reworking this signal to a high level if
device debug is necessary (by including an uninstalled resistor to VDDO).
SERDES Channel A Analog Testability I/O. This signal is used during the device
AMUXA
C11
Analog I/O
manufacturing process. It should be left unconnected in the device application.
SERDES Channel B Analog Testability I/O. This signal is used during the device
AMUXB
D4
Analog I/O
manufacturing process. It should be left unconnected in the device application.
8
Physical Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com