Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments TLK10232 Datasheet HTML 10Page - Texas Instruments TLK10232 Datasheet HTML 11Page - Texas Instruments TLK10232 Datasheet HTML 12Page - Texas Instruments TLK10232 Datasheet HTML 13Page - Texas Instruments TLK10232 Datasheet HTML 14Page - Texas Instruments TLK10232 Datasheet HTML 15Page - Texas Instruments TLK10232 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
Loss Of Sync
(Enable Alignment)
Sync Status Not Ok
Reset | LOS(Loss of Signal)
Comma
No Comma
Comma Detect 1
(Disable Alignment)
Comma
!Comma & !Invalid Decode
Comma Detect 2
Comma
!Comma & !Invalid Decode
Comma Detect 3
Comma
!Comma & !Invalid Decode
Sync Acquired 1
(Sync Status Ok)
Sync Acquired 2
(good cgs = 0)
Sync Acquired 3
(good cgs = 0)
Sync Acquired 4
(good cgs = 0)
Invalid Decode
Invalid Decode
Invalid Decode
Invalid
Decode
Invalid
Decode
Invalid
Decode
Invalid
Decode
Sync Acquired 2A
good cgs++
!Invalid Decode &
good_cgs !=3
A
!invalid Decode &
good_cgs=3
Sync Acquired 4A
good cgs++
!Invalid Decode &
good_cgs !=3
C
!invalid Decode &
good_cgs=3
Sync Acquired 3A
good cgs++
!Invalid Decode &
good_cgs !=3
B
!invalid Decode &
good_cgs=3
Invalid Decode
Invalid Decode
Invalid Decode
A
B
C
Note:
If HS_CH_SYNC_HYSTERESIS[1:0] is equal to 2'b00), machine
operates as drawn.
If HS_CH_SYNC_HYSTERESIS[1:0] is equal to 2'b01/2'b10/2'b11,
then a transition from all Sync Acquired states occurs immediately
upon detection of 1, 2, or 3 adjacent invalid code words or
disparity errors respectively.
!Invalid
Decode
!Invalid
Decode
!Invalid
Decode
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Figure 3-2. Channel Synchronization Flowchart
12
10GBASE-KR MODE FUNCTIONAL DESCRIPTION
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com