Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 65Page - Texas Instruments TLK10232 Datasheet HTML 66Page - Texas Instruments TLK10232 Datasheet HTML 67Page - Texas Instruments TLK10232 Datasheet HTML 68Page - Texas Instruments TLK10232 Datasheet HTML 69Page - Texas Instruments TLK10232 Datasheet HTML 70Page - Texas Instruments TLK10232 Datasheet HTML 71Page - Texas Instruments TLK10232 Datasheet HTML 72Page - Texas Instruments TLK10232 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-73. LT_LOCAL_DEVICE_STATUS (continued)
Device Address: 0x01 SPACER Register Address: 0x009B SPACER Default: 0x0000
Bit(s)
Name
Description
Access
Coefficient K(+1) update
11 = Maximum
LT_ LD_COEFF_P1_STAT
4
01 = Updated
RO
(RXG)
10 = Minimum
00 = Not updated
Coefficient K(0) update
11 = Maximum
LT_ LD_COEFF_0_STAT
3:2
01 = Updated
RO
(RXG)
10 = Minimum
00 = Not updated
Coefficient K(-1) update
11 = Maximum
LT_ LD_COEFF_M1_STAT
1:0
01 = Updated
RO
(RXG)
10 = Minimum
00 = Not updated
Table 8-74. KX_STATUS
Device Address: 0x01 SPACER Register Address: 0x00A1 SPACER Default: 0x3000
Bit(s)
Name
Description
Access
Always reads 1.
KX_TX_FAULT_ABILITY
13
1 = Able to detect fault condition on transmit path
RO
(X)
0 = Not able to detect fault condition on transmit path
Always reads 1.
KX_RX_FAULT_ABILITY
12
1 = Able to detect fault condition on receive path
RO
(X)
0 = Not able to detect fault condition on receive path
KX_TX_FAULT
1 = Fault condition detected on transmit path
11
RO/LH
(X)
0 = No fault condition detected on transmit path
KX_RX_FAULT
1 = Fault condition detected on receive path
10
RO/LH
(X)
0 = No fault condition detected on receive path
KX_RX_SIGNAL_DETECT
1 = Signal detected
0
RO
(X)
0 = Signal not detected
Table 8-75. KR_FEC_ABILITY
Device Address: 0x01 SPACER Register Address: 0x00AA SPACER Default: 0x0003
Bit(s)
Name
Description
Access
Always reads 1.
KR_FEC_ERR_ABILITY
1
1 = Device supports 10GBASE-R FEC error indication to PCS
(R)
0 = Device does not support 10GBASE-R FEC function error indication tx PCS
RO
Always reads 1.
KR_FEC_ABILITY
0
1 = Device supports 10GBASE-R FEC function
(R)
0 = Device does not support 10GBASE-R FEC function
Table 8-76. KR_FEC_CONTROL
Device Address: 0x01 SPACER Register Address: 0x00ABSPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:2
RESERVED
For TI use only. Always reads 0.
RW
1
KR_FEC_ERR_IND_EN
1 = Enable FEC decoder to indicate errors to PCS
RW
(R)
0 = Disable FEC decoder error indication to PCS (Default 1’b0)
0
KR_FEC_EN
1 = Enable 10GBASE-R FEC function
RW
(R)
0 = Disable 10GBASE-R FEC function (Default 1’b0)
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
69
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com