Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 76Page - Texas Instruments TLK10232 Datasheet HTML 77Page - Texas Instruments TLK10232 Datasheet HTML 78Page - Texas Instruments TLK10232 Datasheet HTML 79Page - Texas Instruments TLK10232 Datasheet HTML 80Page - Texas Instruments TLK10232 Datasheet HTML 81Page - Texas Instruments TLK10232 Datasheet HTML 82Page - Texas Instruments TLK10232 Datasheet HTML 83Page - Texas Instruments TLK10232 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Table 8-122. AN_STATUS (continued)
Device Address: 0x07 SPACER Register Address: 0x0001 SPACER Default: 0x0088
Bit(s)
Name
Description
Access
6
AN_PAGE_RCVD
1 = A page has been received
RO/LH
(RX)
0 = A page has not been received
5
AN_COMPLETE
1 = Auto Negotiation process is completed
RO
(RX)
0 = Auto Negotiation process not completed
4
REMOTE_FAULT
1 = Remote fault detected by AN
RO/LH
(RX)
0 = Remote fault not detected by AN
3
AN_ABILITY
Always reads 1.
RO
(RX)
1 = Device is able to perform Auto Negotiation
0 = Device not able to perform Auto Negotiation
2
LINK_STATUS
1 = Link is up
RO/LL
(RX)
0 = Link is down
0
AN_LP_ABILITY
1 = LP is able to perform Auto Negotiation
RO
(RX)
0 = LP not able to perform Auto Negotiation
Table 8-123. AN_DEV_PACKAGE
Device Address: 0x07 SPACER Register Address: 0x0005 SPACER Default: 0x0080
Bit(s)
Name
Description
Access
7
AN_PRESENT
Always reads 1
RO
(RX)
1 = Auto Negotiation present in the package
0 = Auto Negotiation not present in the package
Table 8-124. AN_ADVERTISEMENT_1
Device Address: 0x07 SPACER Register Address: 0x0010 SPACER Default: 0x1001
Bit(s)
Name
Description
Access
15
AN_NEXT_PAGE
NP bit (D15) in base link codeword
RW
(RX)
1 = Next page available
0 = Next page not available (Default 1’b0)
14
AN_ACKNOWLEDGE
Acknowledge bit (D14) in base link codeword. Always reads 0.
RO
(RX)
13
AN_REMOTE_FAULT
RF bit (D13) in base link codeword
RW
(RX)
1 = Sets RF bit to 1
0 = Normal operation (Default 1’b0)
12:10
AN_CAPABILITY[2:0]
Value to be set in D12:D10 bits of the base link codeword. Consists of abilities
RW
(RX)
like PAUSE, ASM_DIR (Default 3’b100)
9:5
AN_ECHO_NONCE[4:0]
Value to be set in D9:D5 bits of the base link codeword. Consists of Echo nonce
RW
(RX)
value. Transmitted in base page only until local device and link Partner have
exchanged unique Nonce values, at which time transmitted Echoed Nonce will
change to Link Partner's Nonce value. Read value always reflects the value
written, not the actual Echoed Nonce. (Default 5’b00000)
4:0
AN_SELECTOR[4:0]
Value to be set in D4:D0 bits of the base link codeword. Consists of selector field
RW
(RX)
value (Default 5’b00001)
Table 8-125. AN_ADVERTISEMENT_2
Device Address: 0x07 SPACER Register Address: 0x0011 SPACER Default: 0x0080
Bit(s)
Name
Description
Access
15:8
AN_ABILITY[10:3]
Value to be set in D31:D24 bits of the base link codeword. Consists of
RW
(RX)
technology ability field bits [10:3] (Default 9’b000000000)
7
AN_ABILITY[2]
Value to be set in D23 bits of the base link codeword. Consists of technology
RW
(RX)
ability field bits [2]. When set, indicates device supports 10GBASE-KR (Default
1’b1)
6
AN_ABILITY[1]
Value to be set in D22 bits of the base link codeword. Consists of technology
RW
(RX)
ability field bits [1]. Always set to 0 (Default 1’b0)
80
DEVICE REGISTERS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com