Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 49Page - Texas Instruments TLK10232 Datasheet HTML 50Page - Texas Instruments TLK10232 Datasheet HTML 51Page - Texas Instruments TLK10232 Datasheet HTML 52Page - Texas Instruments TLK10232 Datasheet HTML 53Page - Texas Instruments TLK10232 Datasheet HTML 54Page - Texas Instruments TLK10232 Datasheet HTML 55Page - Texas Instruments TLK10232 Datasheet HTML 56Page - Texas Instruments TLK10232 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-24. CLK_CONTROL(1) (continued)
Device Address: 0x1E SPACER Register Address:0x000D SPACER Default: 0x2F80
Bit(s)
Name
Description
Access
CLKOUT Output clock divide setting. This value is used to divide selected clock
(Selected using CLKOUT_SEL) before giving it out onto respective channel
CLKOUTx_P/N.
0000 = Divide by 1
0001 = RESERVED
0010 = RESERVED
0011 = RESERVED
0100 = Divide by 2
0101 = RESERVED
CLKOUT_DIV[3:0]
7:4
0110 = RESERVED
RW
(RXG)
0111 = RESERVED
1000 = Divide by 4 (Default 4'b1000)
1001 = Divide by 8
1010 = Divide by 16
1011 = RESERVED
1100 = Divide by 5
1101 = Divide by 10
1110 = Divide by 20
1111 = Divide by 25
CLKOUT Output clock select. Selects Recovered clock sent out on CLKOUTx_P/N
pins (Default 4'b0000)
00x0 = Selects Ch A HS recovered byte clock as output clock
00x1 = Selects Ch A HS transmit byte clock as output clock
010x = Selects Ch A HSRX VCO divide by 4 clock as output clock
CLKOUT_SEL[3:0]
0110 = Selects Ch A LS recovered byte clock as output clock
3:0
RW
(RXG)
0111 = Selects Ch A LS transmit byte clock as output clock
10x0 = Selects Ch B HS recovered byte clock as output clock
10x1 = Selects Ch B HS transmit byte clock as output clock
110x = Selects Ch B HSRX VCO divide by 4 clock as output clock
1110 = Selects Ch B LS recovered byte clock as output clock
1111 = Selects Ch B LS transmit byte clock as output clock
Table 8-25. RESET_CONTROL
Device Address: 0x1E SPACERRegister Address:0x000E SPACERDefault:0x0000
Bit(s)
Name
Description
Access
15:8
RESERVED
For TI use only. Always reads 0.
RW
7:4
RESERVED
For TI use only. (Default 4'b0000)
RW
Channel datapath reset control. Required once the desired functional mode is
configured.
DATAPATH_RESET
3
0 = Normal operation. (Default 1’b0)
(RXG)
1 = Resets channel logic excluding MDIO registers. (Resets both Tx and Rx
datapath)
Transmit FIFO reset control. Applicable in 10G mode only. Not required in
RW
TXFIFO_RESET
10GKR mode as 10GKR FIFO is self centering.
2
SC(1)
(G)
0 = Normal operation. (Default 1’b0)
1 = Resets transmit datapath FIFO.
Receive FIFO reset control. Applicable in 10G mode only. Not required in
RXFIFO_RESET
10GKR mode as 10GKR FIFO is self centering.
1
(G)
0 = Normal operation. (Default 1’b0)
1 = Resets receive datapath FIFO.
0
RESERVED
For TI use only. (Default 1'b0)
RW
(1)
After reset bit is set to one, it automatically sets itself back to zero on the next MDC clock cycle.
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
53
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com