Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 41Page - Texas Instruments TLK10232 Datasheet HTML 42Page - Texas Instruments TLK10232 Datasheet HTML 43Page - Texas Instruments TLK10232 Datasheet HTML 44Page - Texas Instruments TLK10232 Datasheet HTML 45Page - Texas Instruments TLK10232 Datasheet HTML 46Page - Texas Instruments TLK10232 Datasheet HTML 47Page - Texas Instruments TLK10232 Datasheet HTML 48Page - Texas Instruments TLK10232 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-7. HS_SERDES_CONTROL_3
Device Address: 0x1E SPACER Register Address:0x0004 SPACER Default:0x1500
Bit(s)
Name
Description
Access
15
HS_ENTRACK
HSRX ADC Track mode.
RW
(RXG)
0 = Normal operation (Default 1’b0)
1 = Forces ADC into track mode
14:12
HS_EQPRE[2:0]
Serdes Rx precursor equalizer selection
RW
(RXG)
000 = 1/9 cursor amplitude
001 = 3/9 cursor amplitude (Default 3’b001)
010 = 5/9 cursor amplitude
011 = 7/9 cursor amplitude
100 = 9/9 cursor amplitude
101 =11/9 cursor amplitude
110 = 13/9 cursor amplitude
111 = Disable
11:10
HS_CDRFMULT[1:0 Clock data recovery algorithm frequency multiplication selection (Default 2'b01)
RW
]
00 = First order. Frequency offset tracking disabled
(RXG)
01 = Second order. 1x mode
10 = Second order. 2x mode
11 = Reserved
9:8
HS_CDRTHR[1:0]
Clock data recovery algorithm threshold selection (Default 2'b01)
RW
(RXG)
00 = Four vote threshold
01 = Eight vote threshold
10 = Sixteen vote threshold
11 = Thirty two vote threshold
7
RESERVED
For TI use only (Default 1’b0)
RW
6
HS_PEAK_DISABL
HS Serdes PEAK_DISABLE control
RW
E
0 = Normal operation (Default 1’b0)
(RXG)
1 = Disables high frequency peaking. Suitable for <6 Gbps operation
5
HS_H1CDRMODE
HS_Serdes H1CDRMODE control
RW
(RXG)
0 = Normal operation (Default 1’b0)
1 = Enables CDR mode suitable for short channel operation.
4:0
HS_TWCRF[4:0]
Cursor Reduction Factor (Default 5’b00000). Refer to Table 8-8.
RW
(RXG)
Table 8-8. HSTX Cursor Reduction Factor Weights
HS_TWCRF[4:0]
HS_TWCRF[4:0]
Value
Cursor reduction (%)
Value
Cursor reduction (%)
00000
0
10000
17
00001
2.5
10001
20
00010
5.0
10010
22
00011
7.5
10011
25
00100
10.0
10100
27
00101
12
10101
30
00110
15
10110
32
00111
10111
35
01000
11000
37
01001
11001
40
01010
11010
42
01011
Reserved
11011
45
01100
11100
47
01101
11101
50
01110
11110
52
01111
11111
55
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
45
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com