Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 61Page - Texas Instruments TLK10232 Datasheet HTML 62Page - Texas Instruments TLK10232 Datasheet HTML 63Page - Texas Instruments TLK10232 Datasheet HTML 64Page - Texas Instruments TLK10232 Datasheet HTML 65Page - Texas Instruments TLK10232 Datasheet HTML 66Page - Texas Instruments TLK10232 Datasheet HTML 67Page - Texas Instruments TLK10232 Datasheet HTML 68Page - Texas Instruments TLK10232 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-58. PMA_STATUS_1 (continued)
Device Address: 0x01 SPACER Register Address:0x0001 SPACER Default: 0x0002
Bit(s)
Name
Description
Access
1
LOW_POWER_ABILITY
Always reads 1.
RO
(RX)
1 = Supports low power mode
0 = Does not support low power mode
Table 8-59. PMA_DEV_IDENTIFIER_1
Device Address: 0x01 SPACER Register Address:0x0002 SPACER Default: 0x4000
Bit(s)
Name
Description
Access
DEV_IDENTIFIER[31:16]
15:0
16 MSB of 32 bit unique device identifier. See Table 8-61 for identifier code details.
RO
(RX)
Table 8-60. PMA_DEV_IDENTIFIER_2
Device Address: 0x01 SPACER Register Address:0x0003 SPACER Default: 0x5100
Bit(s)
Name
Description
Access
DEV_IDENTIFIER[15:0]
15:0
16 LSB of 32 bit unique device identifier. SeeTable 8-61 for identifier code details
RO
(RX)
Table 8-61. UNIQUE DEVICE IDENTIFIER(1)
Register address
Value
Description
01.0002 bits 15:0
16’b0100_0000_0000_0000
OUI[3-18]
01.0003 bits 15:10
6’b010100
OUI[19-24]
01.0003 bits 9:4
6’b010000
6-bit Manufacturer device model number
01.0003 bits 3:0
4’b0000
4-bit Manufacturer device revision number
(1)
The identifier code is composed of bits 3-24 of 25-bit organizationally unique identifier (OUI) assigned to Texas Instruments by IEEE.
The 6-bit Manufacturer device model number is unique to TLK10232. The 4-bit Manufacturer device revision number denotes the
current revision of TLK10232.
Table 8-62. PMA_SPEED_ABILITY
Device Address: 0x01 SPACERRegister Address: 0x0004 SPACER Default: 0x0011
Bit(s)
Name
Description
Access
Always reads 1.
SPEED_1G
4
1 = Capable of operating at 1000 Mb/s
RO
(RX)
0 = Not capable of operating at 1000 Mb/s
Always reads 1.
SPEED_10G
0
1 = Capable of operating at 10 Gb/s
RO
(RX)
0 = Not capable of operating at 10 Gb/s
Table 8-63. PMA_DEV_PACKAGE_1
Device Address: 0x01 SPACER Register Address: 0x0005 SPACER Default: 0x000B
Bit(s)
Name
Description
Access
Always reads 1.
PCS_ PRESENT
3
1 = PCS present in the package
RO
(RX)
0 = PCS not present in the package
Always reads 1.
PMA_PMD_PRESENT
1
1 = PMA/PMD present in the package
RO
(RX)
0 = PMA/PMD not present in the package
Always reads 1.
CL22_PRESENT
0
1 = Clause 22 registers present in the package
RO
(RX)
0 = Clause 22 registers not present in the package
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
65
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com