Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 33Page - Texas Instruments PCM1861 Datasheet HTML 34Page - Texas Instruments PCM1861 Datasheet HTML 35Page - Texas Instruments PCM1861 Datasheet HTML 36Page - Texas Instruments PCM1861 Datasheet HTML 37Page - Texas Instruments PCM1861 Datasheet HTML 38Page - Texas Instruments PCM1861 Datasheet HTML 39Page - Texas Instruments PCM1861 Datasheet HTML 40Page - Texas Instruments PCM1861 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 115 page
background image
Time of loss of signal (Y minutes)
INT
Threshold
Level
1 msec
Stopped BCK and LRCK by the Host
Sleep State
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
ADCs (continued)
8.14.2.2 Energysense Description
Energysense functionality has been added to the PCM186x to aid with auto-sleep and auto-wakeup for audio
systems that are expected to be sold within the European Union. The latest EcoDesign legislation in Europe has
demanded that products consume less than 500 mW in standby. Most off-the-shelf external power adaptors can
consume 300mW when idling, leaving the system with only 200 mW available. In many systems that requires
that almost everything be powered down in sleep mode, to be powered back up when signal enterers the system
again.
Energysense is split into two functions: Signal Loss Flag and Signal Resume Flag. Both are available on the
PCM186x software controlled devices. The PCM1861 only supports signal resume. Usage is shown below. By
default, the Signal Resume Threshold is set at –57dBFS.
Table 15. Energysense States
MODE
PURPOSE
CONDITIONS
POSITIVE OUTCOME
WORST CASE
SLEEP
Detect Input Signal and Wake up
BCK and LRCK stopped (not locked) or
Host Wakes and services interrupt (reads
Host Doesn't respond or start clocks.
(Signal Detect
from SLEEP
Register Set.
register)
Mode)
Trigger Interrupt when input crosses
Host Starts BCK/LRCK. (Moving system to
PCM186x keeps triggering interrupts until
above (threshold)
ACTIVE mode) or writes to register.
host responds.
Trigger for 1ms every X seconds until
clocks start (x=1 by default)
ACTIVE
Detect content below (threshold)
BCK and LRCK are currently running
System can choose to go to sleep or not. If
If system does not sleep, remain in Mode
(Signal Loss
over time
not, reset interrupt
2, and prompt every Y.
Mode)
Assist system to sleep after
If no content above -(threshold) dB for Y
If System decides to sleep, stop BCK/LRCK.
MCU will need to mask that interrupt.
audio inactivity (for example,
minutes, drive interrupt.
This will move PCM186x to SLEEP mode.
Source is off, but speaker still
on)
8.14.2.3 Energysense Signal Loss Flag
The main ADC constantly monitors the input signal level while in ACTIVE mode. Should the input level remain
below a register defined threshold (for example –60dB) for a register defined amount of time (for example 1
minute), an interrupt will be generated.
Should the system MCU decide to move to SLEEP mode, the PCM186x can be moved to SLEEP by stopping
BCK/LRCK or using a register. See Table 15 for detail. If BCK and LRCK are stopped by the Host after the
interrupt, the device goes to the sleep state as shown in Figure 31. Otherwise, the device repeats the interrupt
every Y minutes as shown in Figure 32. The interrupt can be cleared by reading the status register.
Figure 31. Energysense Signal Loss
In a typical application, the host MCU will note and reset this register multiple times until a system sleep number
is hit. For example, a 5-minute signal loss could be implemented by using the default 1-minute timeout on the
PCM186x, and counting 5 interrupts. An example can be seen in the diagram below.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com