Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 85 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 81Page - Texas Instruments PCM1861 Datasheet HTML 82Page - Texas Instruments PCM1861 Datasheet HTML 83Page - Texas Instruments PCM1861 Datasheet HTML 84Page - Texas Instruments PCM1861 Datasheet HTML 85Page - Texas Instruments PCM1861 Datasheet HTML 86Page - Texas Instruments PCM1861 Datasheet HTML 87Page - Texas Instruments PCM1861 Datasheet HTML 88Page - Texas Instruments PCM1861 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
RSV
Reserved
Reserved. Do not access.
DIV_NUM[6:0]
Set the ADC Clock Divider Value
Ignored if CLKDET_EN = 1
Default value: 0000011
0: 1
1: 1/2
2: 1/3
3: 1/4
:
:
127: 1/128
Page 0 / Register 37 (Hex 0x25)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
37
0x25
RSV
DIV_NUM6
DIV_NUM5
DIV_NUM4
DIV_NUM3
DIV_NUM2
DIV_NUM1
DIV_NUM0
Reset Value
0
0
0
0
0
1
1
1
RSV
Reserved
Reserved. Do not access.
DIV_NUM[6:0]
Set the PLL SCK Clock Divider value
Default value: 0000111
Divider value.
0: 1
1: 1/2
2: 1/3
3: 1/4
:
:
7: 1/8 (Default)
:
:
127: 1/128
Page 0 / Register 38 (Hex 0x26)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
38
0x26
RSV
DIV_NUM6
DIV_NUM5
DIV_NUM4
DIV_NUM3
DIV_NUM2
DIV_NUM1
DIV_NUM0
Reset Value
0
0
0
0
0
0
1
1
RSV
Reserved
Reserved. Do not access.
DIV_NUM[6:0]
Set the Master Clock (SCK) Divider value
Ratio of Master clock (SCK) to Bit Clock (BCK)
Default value: 0000011
Divider value.
0: 1
1: 1/2
2: 1/3
3: 1/4
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com