Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 13Page - Texas Instruments PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments PCM1861 Datasheet HTML 16Page - Texas Instruments PCM1861 Datasheet HTML 17Page - Texas Instruments PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
VINR2/VIN2M
VINL2/VIN1M
VINR1/VIN2P
VINL1/VIN1P
MD4/MISO/GPIO
INT/GPIO3/INTC
MD6/GPIO2/INTB/DMCLK
MD5/GPIO1/INTA/DMIN
MD0
MD1/AD
MD3/MC/SCL
DOUT2/MD2/MOSI/SDA
MICBIAS
XO
XI
BCK
BCK
LRCK
LRCK
SCKI
SCKI
VINL4/VIN4M
VINR4/VIN3M
VINR3/VIN3P
VINL3/VIN4P
XO-BUF
DOUT
DOUT
DIN
DIN
SCL-PCM
SCL-PCM
SDA-PCM
SDA-PCM
GND
R3
0603
0.0
R20
0603
0.0
R21
0603
0.0
R22
0603
0.0
C15
0805 X7R
10uF/16V
C16
0805 X7R
10uF/16V
C17
0805 X7R
10uF/16V
C18
0805 X7R
10uF/16V
GND
GND
GND
GND
GND
C13
0402 X7R
0.1ufd/16V
C9
0402 X7R
0.1ufd/16V
C11
0402 X7R
0.1ufd/16V
R1
0603
0.0
GND
GND
R2
0603
0.0
C10
0603 X7R
1.0ufd/16V
GND
C5
0603 X7R
1.0ufd/16V
VIN2
Case
1
L
R
2
GND
Case
VIN1
1
L
R
2
GND
C14
0603 X7R
0.1ufd/50V
GND
R9
0603
2.20K
R8
0603
2.20K
R7
0603
2.20K
R6
0603
2.20K
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J7
GND
DOUT2/MD2/MOSI/SDA
1
2
3
4 0603
VIN4
Case
1
L
R
2
GND
Case
VIN3
1
L
R
2
GND
GND
2
1
J6
100LS
GND
GND
MD6/GPIO2/INTB/DMCLK
4
3
2
1
0603
INT/GPIO3/INTC
1
2
3
4 0603
MD4/MISO/GPIO
4
3
2
1
0603
MD5/GPIO1/INTA/DMIN
1
2
3
4 0603
GND
GND
GND
MD3/MC/SCL
4
3
2
1
0603
GND
MD1/AD
1
2
3
4 0603
GND
MD0
4
3
2
1
0603
PCM1865DBT
PCM1864DBT
PCM1863DBT
PCM1862DBT
PCM1861DBT
PCM1860DBT
U1
TSSOP30-DBT
20
19
18
17
16
27
30
29
28
26
21
22
23
24
25
11
12
13
14
15
5
10
9
8
7
6
3
2
4
1
MICBIAS
Orange
3R
Orange
3L
Orange
4R
Orange
4L
Orange
+3.3VA
+3.3VA
+3.3VA
+3.3VA
+3.3VA
+3.3VA
+3.3VA
+3.3VA
+3.3VA
+3.3VA
R11
0603
2.20K
R10
0603
2.20K
R5
0603
2.20K
R4
0603
2.20K
J9
1
2
100LS
C8
0805 X7R
10ufd/10V
C12
0805 X7R
10ufd/10V
R12
0603
649
GND
LED
0603
Green/2.1V
Y0
2
1
HC-49USX
24.576MHz
XO
XI
C6
0603 COG
20pfd/50V
C7
0603 COG
20pfd/50V
GND
GND
2L
Orange
2R
Orange
1L
Orange
1R
Orange
GND
R13
0402
4.99K
DIN
Orange
SCKI
Orange
BCK
Orange
LRCK
Orange
DOUT
Orange
GND
C19
0402 X7R
0.1ufd/16V
J10
1
2
100LS
100LS
J11
1
2
GND
+1.8V
+1.8V
+1.8V
R40
0402
100K
GND
100K
0402
R41
GND
100K
0402
R42
GND
R43
0402
100K
GND
100K
0402
R44
GND
100K
0402
R45
GND
100K
0402
R46
GND
100K
0402
R47
GND
SOT23-DBV6
U4
TXB0101DBV
3
1
2
4
5
6
OE
VCCB
B
GND
VCCA
A
+3.3V
GND
0.1ufd/16V
0402 X7R
C40
+3.3V
+3.3V
2
1
J8
100LS
GND
C1
0805 X7R
10uF/16V
C2
0805 X7R
10uF/16V
C3
0805 X7R
10uF/16V
C4
0805 X7R
10uF/16V
100LS
J4
3
2
1
GND
GND
100LS
J2
3
2
1
1
2
3
J3
100LS
GND
1
2
3
J5
100LS
GND
IN1R
IN1L
IN2L
IN2R
IN4L
IN4R
IN3R
IN3L
GPIO
I2C
ANALOG
INPUTS
ANALOG
INPUTS
SPDIF I2S
SPDIF I2S
I2C BUS
DNP
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
-90
-70
-50
-30
-10
Input Amplitude (dB)
C013
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
Typical Characteristics (continued)
all specifications at TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, IOVDD = 3.3V, Master Mode, Single Speed Mode, fS = 48kHz,
system clock = 256×fS, 24-bit data (unless otherwise noted)
Figure 17. Linearity, Input versus Output
7 Parameter Measurement Information
Figure 18. PCM186x Test Circuit
All typical characteristics for the devices are measured using the EVM and an Audio Precision SYS-2722 Audio
Analyzer. A PSIA interface is used to allow the I2S interface to be driven directly into the SYS-2722.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com