Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1861 Datasheet HTML 1Page - Texas Instruments PCM1861 Datasheet HTML 2Page - Texas Instruments PCM1861 Datasheet HTML 3Page - Texas Instruments PCM1861 Datasheet HTML 4Page - Texas Instruments PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
Mix,
Mux
Primary
ADC
Secondary
ADC
Primary
ADC
Mix,
Mux
Clocks , PLL
Power
PCM1863
Reference
Audio
Serial
Port
(LJ, I
2S,
TDM)
DMIC / DIN
VINL 4 (4M)
VINL3 (4P)
VINL2 (1M)
VINL1 (1P)
VINR1 (2P)
VINR2 (2M)
VINR4 (3M)
VINR3 (3P)
VREF
Mic Bias
MD0/Mode
MD1/ADR 1/MS
MD2/SDA /MOSI
MD3/SCL/SBCK
MD4/MISO/GPIO0
MD5/(INT A/ DMIM/GPIO1)
MD6/(DM CLK /GPIO2)
INT/(INT C /GPIO3)
DOUT
Mix,
Mux
Primary
ADC
( CH2L)
Secondary
ADC
Primary
ADC
(CH1R)
VINL 4 (4M)
VINL3 (4P)
VINL2 (1M)
VINL1 (1P)
Mix,
Mux
VINR1 (2P)
VINR2 (2M)
VINR4 (3M)
VINR3 (3P)
MD0/Mode
MD1/ADR 1/MS
MD2/SDA/MOSI
MD3/SCL/SBCK
MD4/MISO/GPIO0
MD5/(INT A/ DMIM/GPIO1)
MD6/(DM CLK/GPIO2)
INT/(INT C /GPIO3)
Control ,
GPIO ,
Interrupt and
Digital Mic
Interface
DOUT
Clocks , PLL
Power
PCM1865
Reference
VREF
Mic Bias
Audio
Serial
Port
(LJ, I
2S,
TDM)
Primary
ADC
(CH1L)
Primary
ADC
(CH2R)
DOUT 2
Mix ,
Mux
Primary
ADC
Second
ary ADC
Primary
ADC
VINL4 (4M)
VINL3 (4P)
VINL2 (1M)
VINL1 (1P)
Mix ,
Mux
VINR1 (2P)
VINR2 (2M)
VINR4 (3M)
VINR3 (3P)
Energy-
sense
MD0
MD1
MD2
MD3
MD4
MD5
MD6
INT
Control
and
Interrupt
DOUT
Clocks & PLL
Power
Reference
PCM1861
Audio
Serial
Port
(LJ, I2S,
TDM)
VREF
Mic Bias
TMS320C5535
DOUT
PCM1861
I
2
S
BCK
AUX
IN
2ch Single Ended
PCM5121
TPA3116
TPA3116
PCM5100
BCK
LRCK
LRCK
2ch Single Ended
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
Simplified Block Diagrams
Typ. Performance (3.3V Supply, –1dB FS Input)
Parameter
Performance
SNR
<110dB
Single Ended Input Dynamic Range
106dB
Differential Input Dynamic Range
110dB
Differential Input THD+N at - 1dBFS
–93dB
Full Scale Input
2.1VRMS
Normal Group Delay:
30/fS
Low Latency - Group Delay Latency:
10/fS
Sampling Frequency
32kHz to 192kHz
Device Comparison Table
CONTROL
SNR
Simultaneous Channel
PART NUMBER
ANALOG FRONT END
METHOD
PERFORMANCE
Capability
PCM1861
Hardware
110dB Differential
1 or 2VRMS MUX with fixed PGA gains
2
PCM1863
I2C or SPI
110dB Differential
1 or 2VRMS MUX, Mix, PGA and Aux ADC
2
1 or 2VRMS MUX, Mix, PGA and Aux ADC,
PCM1865
I2C or SPI
110dB Differential
4
4 mono ADCs
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com