Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments PCM1861 Datasheet HTML 26Page - Texas Instruments PCM1861 Datasheet HTML 27Page - Texas Instruments PCM1861 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 115 page
background image
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
8.10 Zero-Crossing Detect
The PCM186x uses a zero crossing detector to make gain changes only when the incoming signal crosses its
halfway point between negative and positive swing, reducing "zipper noise".
There are two sources for the controller, the output of the ADC Modulator and the output from the digital PGA.
The Analog PGA is sampled at 4× the audio sampling rate to detect the zero crossing. The digital PGA is
sampled at a similar rate.
The process for changing gain in the PCM186x is as follows:
1. Detect a zero crossing of the oversampled analog input channel.
2. Increment or Decrement the gain toward the target PGA value step by 0.5dB.
3. Repeat from (1) until arrival at the target PGA value.
4. If zero crossing does not occur for 8192 sample times (= time out), change the gain per sample.
This process does not require intervention by the user. This data serves as information only.
8.11 Digital Inputs
8.11.1 Stereo PCM Sources
The PCM186x can support Stereo PCM data on GPIO pins so that I2S sources, such as wireless modules can
have their data mixed with the incoming analog content. The clock rate of the incoming data (known as DIN)
must be synchronous with the PCM186x software programmable device main clocks. There is no integrated
sample rate converter on-chip. The DIN signal can be received on GPIO0,1,2,3. configured on GPIO_FUNC_X
(Page.0 0x10 and 0x11). The incoming data is then driven to the digital mixer running on DSP2.
The audio format can be configured separately from the output serial port using register RX_TDM_OFFSET (P0,
0x0E).
Inputs can be mixed and volume-controlled before routing to a digital amplifier. Typical uses could be the
connection to a Bluetooth module. The mixing and crossfading could be done all in the PCM186x, rather than a
hard switch in external logic. The on-chip PLL can also help create the system master clock (SCKOUT) for poorly
designed I2S Bluetooth modules that don't provide an system clock to drive the system DACs.
24
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com