Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments PCM1861 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 115 page
background image
-12dB
+32dB
0dB
+20dB
-12 to +12dB in 1dB Steps
+12dB
0x74.0
0x0C.0
0x14.0
0x40.0
PGA
Value
CIC Filter
ADC
Analog
PGA
Digital
PGA
Decimation
Filter
Digital
Mixer
S-curve
Volume
Mixer
PGA
-12dB
+32dB
0.5dB to +11.5 dB
-100dB to +18 dB
-100dB
0dB
to
to
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
8.8 Programmable Gain Amplifier
The PCM186x has a two-stage programmable gain amplifier (PGA). Coarse gain adjustment is done in the
analog domain, whilst fine gain adjustment is done in the digital domain. The ±12dB Analog gain steps are
designed for varying line level inputs, whilst the +20dB and +32dB are primarily designed for microphone inputs,
which will likely need additional gain that can be done in the digital domain. The analog gain steps between -
12dB and +12dB are in 1dB steps. Half dB steps between those points are done in the digital PGA. Gain steps
between 12dB and 20dB are all done in the digital domain. (for example, 18dB gain = 12dB analog + 6dB
Digital). The gain structure in the PCM186x is shown below.
Figure 23. PCM186x Complete Gain Structure (PGAs and Attenuator)
The analog gain steps within the analog PGA are shown below. Again, from -12dB to +12dB, the steps are 1dB
each. The digital PGA has granularity down to 0.5dB.
Figure 24. Analog Gain Steps with PCM186x Software Programmable Devices
The PGA in the PCM186x is a hybrid analog and digital programmable gain amplifier. The devices integrate a
lookup table with the optimal gain balance between analog and digital gain, allowing the gain to be set in a single
register per channel. For example, set 18dB Gain, and the system will allocate 12dB to the analog PGA and 6dB
to the digital.
The PGA is a zero crossing detect type, and has the ability to set target gain, and have the device work towards
it (with a timeout if there is no zero crossing). Any changes in the Analog PGA and Digital PGA are designed to
step towards the final level. However, any changes in the Mixer PGA are immediate. Care should be taken when
changing gain levels in the digital mixer PGA. Alternatively, multiple writes can be made of small enough values
that will not cause significant pops/clicks.
For example, Current level 0dB, set target as 3.5dB – PGA increases gain in 0.5dB steps towards 3.5dB.
The Auto Gain Mapping function can by bypassed if required, using Manual Gain Mapping. Manual Gain
Mapping is particularly useful when using digital microphones, as the PDM input signal bypasses the analog
PGA and must be amplified using the digital PGA. (PGA_MODE Register(Page.0, 0x19)
NOTE
Using the device with a differential signal lowers the PGA gain by 6dB. Designers should
account for this in their software, the PCM186x does not compensate for this.
Differential Analog Gain points are –18 to 6dB, 14dB, 26dB.
8.9 Automatic Clipping Suppression
The PCM186x software controlled devices have the ability to automatically lower the gain in 0.5dB steps under
the following conditions if the ADC is clipping.
The device detects clipping after the decimation filter in the signal chain (shown in Figure 25), and counts the
number of successive clips before responding.
The device can also generate an internal interrupt that can be mapped to a GPIO or interrupt pin, allowing the
system microcontroller to make the decision to increase the gain and consider the clipping an isolated event, or
make the decision that the new gain setting is appropriate.
22
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com