Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 75Page - Texas Instruments PCM1861 Datasheet HTML 76Page - Texas Instruments PCM1861 Datasheet HTML 77Page - Texas Instruments PCM1861 Datasheet HTML 78Page - Texas Instruments PCM1861 Datasheet HTML 79Page - Texas Instruments PCM1861 Datasheet HTML 80Page - Texas Instruments PCM1861 Datasheet HTML 81Page - Texas Instruments PCM1861 Datasheet HTML 82Page - Texas Instruments PCM1861 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
Page 0 / Register 19 (Hex 0x13)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
19
0x13
GPIO3_DIR2
GPIO3_DIR1
GPIO3_DIR0
RSV
GPIO2_DIR2
GPIO2_DIR1
GPIO2_DIR0
Reset Value
0
0
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
GPIO3_DIR[2:0]
Direction control of GPIO3 when it is configured as GPIO function
Default value: 000
000: Input (Default)
001: Input with 'sticky bit'
010: Input with toggle detection
011: Raw input (not deglictched)
100: Output
101: Open Drain
110: (Reserved)
111: (Reserved)
GPIO2_DIR[2:0]
Direction control of GPIO2 when it is configured as GPIO function
Default value: 000
000: Input (Default)
001: Input with 'sticky bit'
010: Input with toggle detection
011: Raw input (not deglictched)
100: Output
101: Open Drain
110: (Reserved)
111: (Reserved)
Page 0 / Register 20 (Hex 0x14)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
20
0x14
GPIO3_OUT
GPIO2_OUT
GPIO1_OUT
GPIO0_OUT
GPIO3_IN
GPIO2_IN
GPIO1_IN
GPIO0_IN
Reset Value
0
0
0
0
0
0
0
0
GPIO3_OUT
GPIO_STATE - Output status
Default value: 0
GPIO2_OUT
Default value: 0
GPIO1_OUT
Default value: 0
GPIO0_OUT
Default value: 0
GPIO3_IN
Input status (or toggle status) of the GPIOs
The sticky flag is cleared when this register is read.
Default value: 0
GPIO2_IN
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com