Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments PCM1861 Datasheet HTML 16Page - Texas Instruments PCM1861 Datasheet HTML 17Page - Texas Instruments PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 115 page
background image
Mix
&
Mux
Mix
&
Mux
Audio
ADC
Audio
ADC
DSP#1
DSP#2
Digital Mic Inputs
Analog
PGA
Digital
PGA
FIR/IIR
Filter
PGA Zero
Cross
Detect
SEC
ADC
6ch Mixer
(ADC + I2S)
Digital
S-Curve
Volume
Digital Zero
Crossing
Detect
Energysense
Signal Loss
LPF
HPF
Energysense
Signal
Resume
DC
Threshold
Cross Detect
HPF
Interrupt
Manager and
Controller
Audio
Serial
TX
Audio
Serial
RX
6ch
Audio
Serial
TX
DOUT
DOUT2 (GPIO)
DIN (GPIO)
On Chip
Oscillator
1/8
ADC
Master
Clock
Clock
Generator
& Detector
PLL
Onchip
Oscillator
SCKI
XTI(XTAL)
Mux
XTO(XTAL)
Mux
BCK_IN
Audio
ADC
Audio
ADC
PGA
Controller
Analog CTRL
6ch
2ch
BCK
LRCK
SCKO (GPIO)
INT
I2C/SPI Port
Mic
Bias
Mic Bias
VINL4 (4M)
VINL3 (4P)
VINL2 (1M)
VINL1 (1P)
VINR1 (2P)
VINR2 (2M)
VINR4 (3M)
VINR3 (3P)
GPIO2 / INT B / DMCLK
GPIO1 / INT-A / DMIN
MISO / GPIO0 / DMIN2
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
8 Detailed Description
8.1 Overview
64×fS (32×fS support in software controlled
•
Advanced Clocking support
devices)
–
External XTAL support for Master Mode
•
Secondary ADC can be used for control signals
–
External CMOS Master Clock Support for
–
Measure External DC voltages such as control
Master Mode
potentiometers
–
Integrated PLL for generating audio clocks
–
Generate
Interrupts
on
programmable
from any BCK/MCK Source.
thresholds
–
Device can output Audio Master Clock when
•
Extensive Interrupt Sources
running from Non-Audio Master Clock, for use
with other converters. Device must be in
8.2 Functional Block Diagram
Master mode for this function.
An internal block diagram of the PCM186x family is
–
BCK PLL available to avoid using External
shown
below.
Note
that
power
supplies
and
SCK
references have been omitted from this diagram to
–
Clock (SCK, BCK, LRCK) Error Detection with
aid simplicity.
Smart Mute
–
BIT Clock (BCK) for PLL Reference: 48×fS or
Figure 19. Internal Block Diagram of the PCM186x
8.3 Terminology
Control registers in this datasheet are given by REGISTER BIT/BYTE NAME (Page.x HEX ADDRESS).. SE
refers to "Single Ended" analog inputs, DIFF refers to "Differential" analog inputs. SCK (System Clock) and
MCLK (Master Clock) are used interchangeably. Sampling frequency is symbolized by "fS". Full scale is
symbolized by "FS". Sample time as a unit is symbolized by "tS".
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com