Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 91Page - Texas Instruments PCM1861 Datasheet HTML 92Page - Texas Instruments PCM1861 Datasheet HTML 93Page - Texas Instruments PCM1861 Datasheet HTML 94Page - Texas Instruments PCM1861 Datasheet HTML 95Page - Texas Instruments PCM1861 Datasheet HTML 96Page - Texas Instruments PCM1861 Datasheet HTML 97Page - Texas Instruments PCM1861 Datasheet HTML 98Page - Texas Instruments PCM1861 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
DIFF[7:0]
SIGDET_DC_DIFF_CH3_R
Difference level of Controlsense detection
Default value: 01111111
0x7F: Default
Page 0 / Register 81 (Hex 0x51)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
81
0x51
LEVEL7
LEVEL6
LEVEL5
LEVEL4
LEVEL3
LEVEL2
LEVEL1
LEVEL0
Reset Value
0
0
0
0
0
0
0
0
LEVEL[7:0]
10.7.3 SIGDET_DC_LEVEL_CH3_R
Current DC level
Default value: 00000000
Page 0 / Register 82 (Hex 0x52)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
82
0x52
REF7
REF6
REF5
REF4
REF3
REF2
REF1
REF0
Reset Value
1
0
0
0
0
0
0
0
REF[7:0]
SIGDET_DC_REF_CH4_L
Reference level of Controlsense detection
Default value: 10000000
0x80: Default
Page 0 / Register 83 (Hex 0x53)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
83
0x53
DIFF7
DIFF6
DIFF5
DIFF4
DIFF3
DIFF2
DIFF1
DIFF0
Reset Value
0
1
1
1
1
1
1
1
DIFF[7:0]
SIGDET_DC_DIFF_CH4_L
Difference level of Controlsense detection
Default value: 01111111
0x7F: Default
Page 0 / Register 84 (Hex 0x54)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
84
0x54
LEVEL7
LEVEL6
LEVEL5
LEVEL4
LEVEL3
LEVEL2
LEVEL1
LEVEL0
Reset Value
0
0
0
0
0
0
0
0
LEVEL[7:0]
10.7.3 SIGDET_DC_LEVEL_CH4_L
Current DC level
Default value: 00000000
Page 0 / Register 85 (Hex 0x55)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
85
0x55
REF7
REF6
REF5
REF4
REF3
REF2
REF2
REF0
Reset Value
1
0
0
0
0
0
0
0
REF[7:0]
SIGDET_DC_REF_CH4_R
Reference level of Controlsense detection
Default value: 10000000
0x80: Default
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com