Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 12Page - Texas Instruments PCM1861 Datasheet HTML 13Page - Texas Instruments PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments PCM1861 Datasheet HTML 16Page - Texas Instruments PCM1861 Datasheet HTML 17Page - Texas Instruments PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
±12
±2
8
18
28
38
-12
-2
8
18
28
38
Input Amplitude (dB)
C013
±160
±140
±120
±100
±80
±60
±40
±20
0
20
0
10000
20000
30000
40000
50000
60000
Frequency (Hz)
C013
±35
±30
±25
±20
±15
±10
±5
0
20
200
2000
20000
Frequency (Hz)
C013
±160
±140
±120
±100
±80
±60
±40
±20
0
20
200
2000
20000
Frequency (Hz)
C013
±170
±150
±130
±110
±90
±70
±50
±30
±10
10
20
200
2000
20000
Frequency (Hz)
C013
±160
±140
±120
±100
±80
±60
±40
±20
0
20
200
2000
20000
Frequency (Hz)
C013
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
Typical Characteristics (continued)
all specifications at TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, IOVDD = 3.3V, Master Mode, Single Speed Mode, fS = 48kHz,
system clock = 256×fS, 24-bit data (unless otherwise noted)
fS = 192kHz
Input = –1dBFS
Input at 1kHz
fS = 192kHz
Input = –60dBFS
Input at 1kHz
Figure 11. THD+N
Figure 12. Dynamic Range
fS = 48kHz
fS = 48kHz
Figure 13. Seconday ADC Frequency Response
Figure 14. Secondary ADC FFT
fS = 192kHz
BW = 60kHz
Input = –1dBFS
Figure 15. FFT
Figure 16. PGA ADC Gain
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com