Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 17Page - Texas Instruments PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
8.6 PCM1861 Input Multiplexer
The hardware controlled devices can support a wide gain range using the MD2, MD5 and MD6 configuration pins
as follows:
Table 3. Channel and Gain Selection for Hardware Controlled Devices
MD6
MD5
MD2
ADC1_L / PGA1_L
ADC1_R / PGA1_R
L
L
L
S.E - VINL1 / 0 dB
S.E - VINR1 / 0 dB
L
L
H
S.E - VINL2 / 0 dB
S.E - VINR2 / 0 dB
L
H
L
S.E - VINL3 / 0 dB
S.E - VINR3 / 0 dB
L
H
H
S.E - VINL4 / 0 dB
S.E - VINR4 / 0 dB
H
L
L
S.E - VINL4 / 12 dB
S.E - VINR4 / 12 dB
H
L
H
S.E - VINL4 / 32 dB
S.E - VINR4 / 32 dB
H
H
L
DIFF(VIN1P/VIN1M) / 0 dB
DIFF(VIN2P/VIN2M) / 0 dB
H
H
H
DIFF(VIN3P/VIN3M) / 12 dB
DIFF(VIN4P/VIN4M) / 12 dB
8.7 PCM1863/5 Mixers and Multiplexers
The PCM186x software programmable devices offer a mix/multiplex level of functionality on the front end as
shown in Figure 20. The switches integrated into the multiplexer can also be switched on in parallel, offering a
direct
mix
of
inputs.
This
function
can
be
selected
by
register
for
each
ADC
input
selection,
ADCX1_INPUT_SEL_X (Page.0, 0x06
→ 0x09). In single ended mode, each Audio ADC is tightly coupled to a
dedicated PGA and MUX. ADC1L (and ADC2L on the PCM1865) is connected a mux that has input pins VINLx,
(x = 1 to 4). ADC1R (and ADC2R on the PCM186) is connected to a mux that has input pins VINRx (x = 1 to 4).
Mixing between the left channels of stereo pairs is possible in the mux dedicated to ADC1L and right channels of
stereo pairs in the mux dedicated to ADC1R. In addition, polarity of the inputs can be inverted using the MSB of
the select register. Mixing left and right sources to create mono mixes can only be done in the digital mixer, post
ADC conversion, or alternatively, other analog inputs can be connected for mixing.
The examples available are below - where [SE] is single ended, and [DIFF] is a differential input. Bold items are
the single channel selects.
Table 4. MUX, Mix and Polarity Input Selection
Register
ADC1L and ADC2L
ADC1R and ADC2R
Code
0x00
No Selection (Mute)
No Selection (Mute)
0x01
VINL1[SE] (Default)
VINR1[SE] (Default)
0x02
VINL2[SE]
VINR2[SE]
0x03
VINL2[SE] + VINL1[SE]
VINR2[SE] + VINR1[SE]
0x04
VINL3[SE]
VINR3[SE]
0x05
VINL3[SE] + VINL1[SE]
VINR3[SE] + VINR1[SE]
0x06
VINL3[SE] + VINL2[SE]
VINR3[SE] + VINR2[SE]
0x07
VINL3[SE] + VINL2[SE] + VINL1[SE]
VINR3[SE] + VINR2[SE] + VINR1[SE]
0x08
VINL4[SE]
VINR4[SE]
0x09
VINL4[SE] + VINL1[SE]
VINR4[SE] + VINR1[SE]
0x0A
VINL4[SE] + VINL2[SE]
VINR4[SE] + VINR2[SE]
0x0B
VINL4[SE] + VINL2[SE] + VINL1[SE]
VINR4[SE] + VINR2[SE] + VINR1[SE]
0x0C
VINL4[SE] + VINL3[SE]
VINR4[SE] + VINR3[SE]
0x0D
VINL4[SE] + VINL3[SE] + VINL1[SE]
VINR4[SE] + VINR3[SE] + VINR1[SE]
0x0E
VINL4[SE] + VINL3[SE] + VINL2[SE]
VINR4[SE] + VINR3[SE] + VINR2[SE]
0x0F
VINL4[SE] + VINL3[SE] + VINL2[SE] + VINL1[SE]
VINR4[SE] + VINR3[SE] + VINR2[SE] + VINR1[SE]
0x10
{VIN1P, VIN1M}[DIFF]
{VIN2P, VIN2M}[DIFF]
0x20
{VIN4P, VIN4M}[DIFF]
{VIN3P, VIN3M}[DIFF]
0x30
{VIN1P, VIN1M}[DIFF] + {VIN4P, VIN4M}[DIFF]
{VIN2P, VIN2M}[DIFF] + {VIN3P, VIN3M}[DIFF]
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com