Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 41Page - Texas Instruments PCM1861 Datasheet HTML 42Page - Texas Instruments PCM1861 Datasheet HTML 43Page - Texas Instruments PCM1861 Datasheet HTML 44Page - Texas Instruments PCM1861 Datasheet HTML 45Page - Texas Instruments PCM1861 Datasheet HTML 46Page - Texas Instruments PCM1861 Datasheet HTML 47Page - Texas Instruments PCM1861 Datasheet HTML 48Page - Texas Instruments PCM1861 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
9
SDA
SCL
St
Start
condition
1–7
8
1–8
9
1–8
9
9
Sp
Stop
condition
Slave address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
R/W: Read operation if 1;otherwise,write operation
ACK: Acknowledgement of a byte if 0
DATA: 8 bits (byte)
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
8.19.4 I2C Interface
The PCM186x software programmable devices support the I2C serial bus and the data transmission protocol for
standard and fast mode as a slave device. This protocol is explained in I2C specification 2.0.
In I2C mode, the control pins are changed as follows:
Table 19. I2C Pins and Functions
PIN NAME
PIN NUMBER
PROPERTY
DESCRIPTION
SDA
15
Input / Output
I2C Data
SCL
16
Input
I2C Clock
AD
14
Input
I2C Address 1
8.19.4.1 Slave Address
Table 20. I2C Slave Address
MSB
LSB
1
0
0
1
0
1
AD
R/W
The PCM186x software programmable devices have a 7-bit slave address. The first six bits (MSBs) of the slave
address are factory preset to 1001 01. The next bit of the address byte is the device select bit, which can be
user-defined by the AD pin. A maximum of two PCM186x devices can be connected on the same bus at one
time. Each device responds when it receives its own slave address.
8.19.4.2 Packet Protocol
A master device must control packet protocol, which consists of start condition, slave address, read/write bit,
data if write or acknowledge if read, and stop condition. The PCM186x software programmable devices support
only slave receivers and slave transmitters.
write operation
Transmitter
M
M
M
S
M
S
M
S
S
M
------------
Data Type
St
slave
R/W
ACK
DATA
ACK
DATA
ACK
ACK
Sp
address
read operation
Transmitter
M
M
M
S
M
S
M
S
S
M
------------
Data Type
St
slave
R/W
ACK
DATA
ACK
DATA
ACK
ACK
Sp
address
M: Master Device MMM S: Slave Device
St: Start Condition MMM Sp: Stop Conditiion
Figure 42. Basic I2C Framework
8.20 Interrupt Controller
The hardware controlled PCM1861 has the Energysense signal detect as the default output on the INT pin.
There are no other interrupt sources. The INT pin on the PCM1861 is also used to put the device into power-
down mode.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com