Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 67Page - Texas Instruments PCM1861 Datasheet HTML 68Page - Texas Instruments PCM1861 Datasheet HTML 69Page - Texas Instruments PCM1861 Datasheet HTML 70Page - Texas Instruments PCM1861 Datasheet HTML 71Page - Texas Instruments PCM1861 Datasheet HTML 72Page - Texas Instruments PCM1861 Datasheet HTML 73Page - Texas Instruments PCM1861 Datasheet HTML 74Page - Texas Instruments PCM1861 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
1: ch1[R]/Ch2[L]/Ch2[R] follow Ch1[L] PGA value.
DPGA_CLIP_EN
Enable Clipping Detection After Digital PGA
Default value: 0
0: Disable (Default)
1: Enable
MAX_ATT[1:0]
Attenuation limit of the Automatic Clipping Suppression
Default value: 00
00: -3dB (Default)
01: -4dB
10: -5dB
11: -6dB
START_ATT[1:0]
Start Automatic Clipping Suppression after clipping is detected CLIP_NUM times
Default value: 11
00: 80
01: 40
10: 20
11: 10 (Default)
AGC_EN
Enable Automatic Clipping Suppression
Default value: 0
0: Disable (Default)
1: Enable
Page 0 / Register 6 (Hex 0x06)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
6
0x06
POL
RSV
SEL_L5
SEL_L4
SEL_L3
SEL_L2
SEL_L1
SEL_L0
Reset Value
0
1
0
0
0
0
0
1
RSV
Reserved
Reserved. Do not access.
POL
ADC1_INPUT_SEL_L - Change signal polarity
Default value: 0
0: Normal (Default)
1: Inverted
SEL_L[5:0]
ADC Input Channel Select (ADC1L)
Default value: 000001
00_0000: No Select
00_0001: VINL1[SE] (Default)
00_0010: VINL2[SE]
00_0011: VINL2[SE] + VINL1[SE]
00_0100: VINL3[SE]
00_0101: VINL3[SE] + VINL1[SE]
00_0110: VINL3[SE] + VINL2[SE]
00_0111: VINL3[SE] + VINL2[SE] + VINL1[SE]
00_1000: VINL4[SE]
00_1001: VINL4[SE] + VINL1[SE]
00_1010: VINL4[SE] + VINL2[SE]
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com