Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments PCM1861 Datasheet HTML 12Page - Texas Instruments PCM1861 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
PCM186x
AVDD to AGND
-0.3V to 3.9V
Supply voltage
DVDD to DGND
-0.3V to 3.9V
IOVDD to DGND
–0.3 V to +3.9V
Ground voltage
AGND, DGND
±0.3 V
differences
Digital input voltage
to DGND
–0.3 V to IOVDD + 0.3
XI
to DGND
–0.3V to 2.1V
Analog input voltage
VINxx
-1.7V to 5.0V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage Temperature
–40
125
°C
Electrostatic
Human body model (HBM), per
–4000
4000
Discharge
ANSI/ESDA/JEDEC JS-001, all pins(1)
V(ESD)
V
Charged device model (CDM), per JEDEC
–1500
1500
specification JESD22-C101, all pins
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog Supply Voltage
AVDD to AGND
3.0
3.3
3.6
V
Digital Supply Voltage
DVDD to DGND
3.0
3.3
3.6
V
IO Supply Voltage to DGND
IOVDD at 1.8V to DGND
1.62
1.8
1.98
V
IO Supply Voltage to DGND
IOVDD at 3.3V to DGND
3.0
3.3
3.6
V
LDO is an input when using external
LDO to DGND
IOVDD – 0.3
IOVDD
IOVDD + 0.3
V
1.8V power supply
Operating Junction Temperature Range
-40
125
°C
6.4 THERMAL CHARACTERISTICS
over operating temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RthJA
Theta JA
High K
91.2
ψJT
Psi JT
1.0
ψJB
Psi JB
41.5
ºC/W
RthJC
Theta JC
Top
25.3
RthJB
Theta JB
42.0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com