Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments PCM1861 Datasheet HTML 26Page - Texas Instruments PCM1861 Datasheet HTML 27Page - Texas Instruments PCM1861 Datasheet HTML 28Page - Texas Instruments PCM1861 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 115 page
background image
L(n)
GPIO2
(DIGMIC_CLK)
GPIO 1
L(n+1)
Hi-Z
R(n)
Hi-Z
Hi-Z
L(n)
R(n)
R(n+1)
L(n+1)
R(n+1)
L(n+2)
Hi-Z
Hi-Z
DATA_L
DATA_R
DIGMIC_CLK (64xf
S)
GPIO1
CLK
DATA
L/R SEL
GPIO2
CLK
DATA
L/R SEL
Wired-OR
DATA _L
DATA _R
GND
VDD
DIGMIC_IN1
GPIO1
GPIO2
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
8.12 Digital PDM Microphones
Up to four digital microphones are supported on the PCM1865, using a shared output clock (configured from
GPIO2) and two data lines, GPIO0 or GPIO1. Two digital microphones are supported on the PCM1863, mainly
using GPIO1 as the data input. The PCM1861 does not support digital microphones. The typical connection and
protocol diagrams for these microphones are shown in Figure 26 and Figure 27.
Figure 26. Digital Microphone Example Connection
Figure 27. Digital Microphone Protocol
Supported Digital Microphone clock frequency is as follows, and the frequency depends on required operating
sampling frequency as follows:
•
2.0480MHz (32kHz × 64)
•
2.8224MHz (44.1kHz × 64)
•
3.072MHz (48kHz × 64)
•
3.072MHz (96kHz × 32 )
The Recommended operating conditions for the Digital MIC to get good performance are:
•
Sampling frequency is 32kHz or 44.1kHz
•
SCK is 256×fS.
•
Enable Auto Clock Detector (Default)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com