Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 28Page - Texas Instruments PCM1861 Datasheet HTML 29Page - Texas Instruments PCM1861 Datasheet HTML 30Page - Texas Instruments PCM1861 Datasheet HTML 31Page - Texas Instruments PCM1861 Datasheet HTML 32Page - Texas Instruments PCM1861 Datasheet HTML 33Page - Texas Instruments PCM1861 Datasheet HTML 34Page - Texas Instruments PCM1861 Datasheet HTML 35Page - Texas Instruments PCM1861 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
8.13.4.4 PCM186x BCK Input Slave PLL Mode
The PCM186x software programmable devices can generate an internal MCLK system clock using it’s PLL
(referenced from an external input BCK) in slave mode. BCK must be 64fS. Supported sampling frequencies are
listed in Table 11. Whilst the PCM186x can support down to 8kHz, analog performance is not tested at this rate.
Table 11. Auto PLL BCK Requirements
Sampling Frequency
BCK Ratio to LRCK
BCK Frequency
8kHz
256
2.048
16kHz
64
1.024
256
4.096
48kHz
32
1.536
48
2.304
64
3.072
256
12.288
96kHz
32
3.072
48
4.608
64
6.144
256
24.576
192kHz
32
6.144
48
9.216
64
12.288
256
49.152
In software SPI/I2C mode, a PCM186x software programmable device can use its on-chip crystal oscillator, if a
CMOS clock source is not available. Audio Clocks can be generated through the PLL from the non-audio
standard CMOS/Crystal frequency (and then can be divided down as described above). This function is not
available in hardware mode.
8kHz is only supported if an external MCK is provided. The Autodetect and PLL system support frequencies as
low as 32kHz. Analog performance is not tested in this mode.
The clock tree can also be programmed manually, with the settings shown in Table 12.
Table 12. 1863 (2ch) PLL BCK Settings
fS
BCK
BCK
PLL
PLL
PLL
DSP1
DSP1
DSP 2
DSP2
ADC
ADC
Ratio
Freq.
Ratio
Frequenc
Configur
Clock
Clock
Clock
Clock
Clock
Clock
(MHz)
y (MHz)
ation
(MHz)
Divider 2
(MHz)
Divider
(MHz)
Divider
2CH
CH Mode
Source
Divider
Source
Divider
Source
Divider
8 kHz
256
2.048
12288
98.304
P=0,R=1,
2.048
PLL
48
2.048
PLL
48
1.024
PLL
96
J=24,
D=0
16 kHz
64
1.024
6144
98.304
P=0,R=1,
4.096
PLL
24
4.096
PLL
24
2.048
PLL
48
J=48,
D=0
256
4.096
6144
98.304
P=1,R=1,
4.096
PLL
24
4.096
PLL
24
2.048
PLL
48
J=24,
D=0
48 kHz
32
1.536
2048
98.304
P=0,R=1,
12.288
PLL
8
12.288
PLL
8
6.144
PLL
16
J=32,
D=0
48
2.304
2048
92.16
P=0,R=1,
15.36
PLL
6
15.36
PLL
6
6.144
PLL
15
J=20,
D=0
64
3.072
2048
98.304
P=0,R=1,
12.288
PLL
8
12.288
PLL
8
6.144
PLL
16
J=16,
D=0
256
12.288
2048
98.304
P=3,R=1,
12.288
PLL
8
12.288
PLL
8
6.144
PLL
16
J=16,
D=0
96 kHz
32
3.072
1024
98.304
P=0,R=1,
24.576
PLL
4
24.576
PLL
4
6.144
PLL
16
J=16,
D=0
32
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com