Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 29Page - Texas Instruments PCM1861 Datasheet HTML 30Page - Texas Instruments PCM1861 Datasheet HTML 31Page - Texas Instruments PCM1861 Datasheet HTML 32Page - Texas Instruments PCM1861 Datasheet HTML 33Page - Texas Instruments PCM1861 Datasheet HTML 34Page - Texas Instruments PCM1861 Datasheet HTML 35Page - Texas Instruments PCM1861 Datasheet HTML 36Page - Texas Instruments PCM1861 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
Table 12. 1863 (2ch) PLL BCK Settings (continued)
fS
BCK
BCK
PLL
PLL
PLL
DSP1
DSP1
DSP 2
DSP2
ADC
ADC
Ratio
Freq.
Ratio
Frequenc
Configur
Clock
Clock
Clock
Clock
Clock
Clock
(MHz)
y (MHz)
ation
(MHz)
Divider 2
(MHz)
Divider
(MHz)
Divider
2CH
CH Mode
Source
Divider
Source
Divider
Source
Divider
48
4.608
1024
98.304
P=2,R=1,
24.576
PLL
4
24.576
PLL
4
6.144
PLL
16
J=32,
D=0
64
6.144
1024
98.304
P=1,R=1,
24.576
PLL
4
24.576
PLL
4
6.144
PLL
16
J=16,
D=0
256
24.576
1024
98.304
P=7,R=1,
24.576
PLL
4
24.576
PLL
4
6.144
PLL
16
J=16,
D=0
192 kHz
32
6.144
512
98.304
P=1,R=1,
49.152
PLL
2
49.152
PLL
2
6.144
PLL
16
J=16,
D=0
48
9.216
512
98.304
P=2,R=1,
49.152
PLL
2
49.152
PLL
2
6.144
PLL
16
J=16,
D=0
64
12.288
512
98.304
P=3,R=1,
49.152
PLL
2
49.152
PLL
2
6.144
PLL
16
J=16,
D=0
256
49.152
512
98.304
P=15,R=1
49.152
PLL
2
49.152
PLL
2
6.144
PLL
16
, J=16,
D=0
Table 13. PCM1865 (4-Channel) PLL BCK Settings
fS
BCK
BCK
PLL
PLL
PLL
DSP1
DSP1
DSP1
DSP2
ADC
ADC
Ratio
Freq.
Ratio
Frequenc
Configur
Clock
Clock
Clock
Clock
Clock
Clock
(MHz)
y (MHz)
ation
(MHz)
Divider 4
(MHz)
Divider
(MHz)
Divider
4ch
CH Mode
2CH
Source
Divider
Source
Divider
Source
Divider
8 kHz
256
2.048
12288
98.304
P=0,R=1,
4.096
PLL
24
2.048
PLL
48
1.024
PLL
96
J=24,
D=0
16 kHz
64
1.024
6144
98.304
P=0,R=1,
8.192
PLL
12
4.096
PLL
24
2.048
PLL
48
J=48,
D=0
256
4.096
6144
98.304
P=1,R=1,
8.192
PLL
12
4.096
PLL
24
2.048
PLL
48
J=24,
D=0
48 kHz
32
1.536
2048
98.304
P=0,R=1,
24.576
PLL
4
12.288
PLL
8
6.144
PLL
16
J=32,
D=0
48
2.304
2048
92.16
P=0,R=1,
30.72
PLL
3
15.36
PLL
6
6.144
PLL
15
J=20,
D=0
64
3.072
2048
98.304
P=0,R=1,
24.576
PLL
4
12.288
PLL
8
6.144
PLL
16
J=16,
D=0
256
12.288
2048
98.304
P=3,R=1,
24.576
PLL
4
12.288
PLL
8
6.144
PLL
16
J=16,
D=0
96 kHz
32
3.072
1024
98.304
P=0,R=1,
49.152
PLL
2
24.576
PLL
4
6.144
PLL
16
J=16,
D=0
48
4.608
1024
98.304
P=2,R=1,
49.152
PLL
2
24.576
PLL
4
6.144
PLL
16
J=32,
D=0
64
6.144
1024
98.304
P=1,R=1,
49.152
PLL
2
24.576
PLL
4
6.144
PLL
16
J=16,
D=0
256
24.576
1024
98.304
P=7,R=1,
49.152
PLL
2
24.576
PLL
4
6.144
PLL
16
J=16,
D=0
192 kHz
32
6.144
512
98.304
P=1,R=1,
98.304
PLL
1
49.152
PLL
2
6.144
PLL
16
J=16,
D=0
48
9.216
512
98.304
P=2,R=1,
98.304
PLL
1
49.152
PLL
2
6.144
PLL
16
J=16,
D=0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com