Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments PCM1861 Datasheet HTML 12Page - Texas Instruments PCM1861 Datasheet HTML 13Page - Texas Instruments PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
6.6 Electrical Characteristics, Primary PGA and ADC AC Performance
all specifications at TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, IOVDD = 3.3V, Master Mode, Single Speed Mode, fS = 48kHz,
system clock = 256×fS, 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0dB PGA Gain, –60dB input signal,
Input Channel Signal to Noise ratio
97
110
dB
Master Mode. at DIFF Input
Input Channel Signal to Noise ratio
32dB PGA Gain, –92dB input signal,
85
93
dB
at 32dB
Master Mode at DIFF Input
0dB PGA Gain, –1dB input signal,
Input Channel THD+N
–85
–93
dB
Master Mode at DIFF Input
32dB PGA Gain, –33dB input signal,
Input Channel THD+N at 32dB
–68
–84
dB
Master Mode at DIFF Input
L channel to R channel separation
0dB PGA Gain, –1dB input signal,
–105
dB
line input
Master Mode
L channel to R channel separation
20dB PGA Gain, –1dB input signal,
–105
dB
mic input
Master Mode
L1 channel to L2 channel separation
0dB PGA Gain, –1dB input signal,
–105
dB
line input
Master Mode
R1 channel to R2 channel
0dB PGA Gain, –1dB input signal,
–105
dB
separation line input
Master Mode
L1 channel to L2 channel separation
20dB PGA Gain, –1dB input signal,
–105
dB
mic input
Master Mode
R1 channel to R2 channel
20dB PGA Gain, –1dB input signal,
–105
dB
separation mic input
Master Mode
–12 to +12dB (1dB STEP) , 20dB
Range of the analog PGA
–12(1)
32
dB
and 32dB
Accuracy of the PGA + ADC
0.5
dB
Matching between PGA + ADCs
0.05
dB
onchip
Full Scale Voltage Input per input
Single Ended Mode
2.1
VRMS
pin
Full Scale Voltage Input per input
Differential Input Mode
2.1
VRMS
pin
0dB PGA Gain, –60dB input signal,
Input Channel Signal to Noise ratio
106
dB
Master Mode. at SE input
Input Channel Signal to Noise ratio
32dB PGA Gain, –92dB input signal,
75
dB
at 32dB
Master Mode at SE input
0dB PGA Gain, –1dB input signal,
Input Channel THD+N
87
dB
Master Mode at SE input
32dB PGA Gain, –33dB input signal,
Input Channel THD+N at 32dB
68
dB
Master Mode at SE input
PCM1865
10
Input Impedance per pin
k
Ω
PCM1861/3
20
Differential Input, 1kHz signal on
CMRR
Common Mode Rejection Ratio
both pins and measure level at
56
dB
output.
(1)
Specified by design.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com