Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments PCM1861 Datasheet HTML 26Page - Texas Instruments PCM1861 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
CIC Filter
ADC
Auto
Gain
Control
Analog
PGA
Digital
PGA
PGA
Controller
Zero
Cross
Detector
Digital PGA
Overflow Detector
Decimation
Filter
Digital
Mixer
S-curve
Volume
Mixer
PGA
-12 dB to +32dB
0.5dB
+12 dB
-100dB ~ +18 dB
-100dB ~ 0 dB
to
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
Automatic Clipping Suppression (continued)
Figure 25. Sampling points within the PCM186x for Auto Clipping Suppression
Maximum Attenuation Level
This feature is not designed to be a complete analog gain control. This feature was defined to avoid clipping, and
to inform the system microcontroller of a clipping event, to allow the microcontroller (or the end user) to decide if
the gain should be increased again.
The maximum attenuation is programmable to be -3 / -4 / -5 / -6 dB.
Channel Linking
Depending on the application, users may not want to link input channels, however, for the majority of Stereo
input applications, its strongly recommended to set the system to track gain across inputs, to maintain balance.
The Auto PGA Clipping Suppression Control has the following settings:
Table 5. Auto Clipping Suppression Control Registers
Register
Register Name
Usage
Values
Location
0: Disable (Default)
AGC_EN
Pg0 0x05
Enable Auto Gain Control.
1: Enable
0: 80
Start auto gain control after detects CLIP_NUM times of
1: 40
CLIP_NUM[1:0]
Pg0 0x05
ADC sample clips
2: 20
3: 10 (Default)
0: -3dB (Default)
1: -4dB
MAX_ATT[1:0]
Pg0 0x05
Maximum automatic attenuation
2: -5dB
3: -6dB
Enable Clipping detection after the digital PGA. Note,
0: Disable (Default)
DPGA_CLIP_EN
Pg0 0x05
digital PGA is post ADC, meaning that there will be a short
1: Enable
delay before clipping is detected.
0: Independent control (Default)
Link all channels together. Should be linked if dealing with
LINK
Pg0 0x05
1: Ch1[R]/Ch2[L]/Ch2[R] follow Ch1[L]
stereo sources to maintain balance.
PGA value.
0: Immediate Change
SMOOTH
Pg0 0x05
Enable Smooth transition from step to step. (zero crossing)
1: Smooth Change (Default)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com