Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments PCM1861 Datasheet HTML 26Page - Texas Instruments PCM1861 Datasheet HTML 27Page - Texas Instruments PCM1861 Datasheet HTML 28Page - Texas Instruments PCM1861 Datasheet HTML 29Page - Texas Instruments PCM1861 Datasheet HTML 30Page - Texas Instruments PCM1861 Datasheet HTML 31Page - Texas Instruments PCM1861 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
8.13.4.1 PCM1861 Clock Configuration and selection
The PCM186x offers both Master and Slave functionality. In master mode, a source master clock (of 256, 384 or
512× the sampling rate) can be sourced from either an external crystal (XI/XO) or on an incoming SCK. (see
External Clock-Source Limits for input rate limitations on SCK sources) The clock from XI and SCK are OR'd
internally, allowing either to be used.
The device can generate the other I2S clocks (BCK and LRCK) in master mode (with dividers set in MD0 and
MD1) or be a clock slave to MCK,BCK and LRCK. In this scenario, the device auto-detects the clock divider ratio.
In master mode, BCK per LRCK is fixed at 64. This allows up to 32 bits per channel.
Selection of the appropriate master/slave and clock ratio between MCK and fS can be done using MD0 and MD1.
Table 7 shows the suggested master clock rates for each of the sample rates supported.
Table 7. External Master Clock Rate versus Sampling Frequency
SAMPLING RATE FREQUENCY
SYSTEM CLOCK FREQUENCY (MHz)
(kHz)
256fS
384fS
512fS
8.0
2.048
3.072
4.096
16.0
4.096
6.144
8.192
32.0
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48.0
12.2880
18.4320
24.5760
64.0
16.3840
24.5760
32.7680
88.2
22.5792
33.8688
45.1584
96.0
24.5760
36.8640
49.1520
176.4
45.1584
192.0
49.1520
For slave mode, BCK per LRCK should be set to 64.
8.13.4.2 Clock Sources (PCM186x Software Programmable Devices)
The PCM186x devices support a wide range of options for generating the clocks required to operate the ADC
section, as well as interface and other control blocks as shown in Figure 29.
The clocks for the PLL require a source reference clock. This clock source can be configured on software
devices as the XTAL, SCK or BCK.
The PCM186x software programmable devices share a similar clock tree for the generation and distribution of
clocks Figure 28.
CLK_MODE (Page.0 0x20) is used to configure the clock configuration. Bits [5:7] configure the OR and MUX for
the incoming MCLK.
Register MST_MODE (Page.0 0x20) is used to set the device in Master or Slave Mode. Bits [1:3] set clock
sources for the ADC, DSP1 and DSP2. These can mostly be ignored for the most common applications, but are
provided for advanced users.
The CLKDET_EN (Page.0, 0x20) register bit (Auto Clock Detector) is important; the clock detector is mainly
functional for slave modes, and for master modes where the master clock is a 256/384/512× multiple of the
incoming data rate.
NOTE
Non audio related master clock sources can be used with the PCM186x software
programmable devices providing the PLL is programmed manually. CLKDET_EN should
be set to 0.
The result of configurations can be checked by reading registers FS_INFO / CURRENT_BCK_RATIO (Page.0
0x73 and 0x74).
28
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com