Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 36Page - Texas Instruments PCM1861 Datasheet HTML 37Page - Texas Instruments PCM1861 Datasheet HTML 38Page - Texas Instruments PCM1861 Datasheet HTML 39Page - Texas Instruments PCM1861 Datasheet HTML 40Page - Texas Instruments PCM1861 Datasheet HTML 41Page - Texas Instruments PCM1861 Datasheet HTML 42Page - Texas Instruments PCM1861 Datasheet HTML 43Page - Texas Instruments PCM1861 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 115 page
background image
REF_LEVEL
(1) DIFF_LEVEL > 0
Time
An interrupt is generated
(2) DIFF_LEVEL < 0
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
Table 16. Secondary ADC Biquad Coefficients at 48kHz
Sampling (continued)
Coefficient
Virtual RAM Address
HPF_B0:
0x25
HPF_B1:
0x26
HPF_B2:
0x27
HPF_A1:
0x28
HPF_A2:
0x29
8.14.4 Secondary ADC DC Level Change Detection
This function is used for external analog controls, such as potentiometers to set volume, tone control, or a
sensor.
There are two parameters for the DC level change detection. Reference level (REF_LEVEL) and Difference level
(DIFF_LEVEL). Each input pin (input 1 through 8) has a different reference and difference level.
Users set a reference point, and a difference point. If the voltage at the control point crosses the difference point
then an interrupt is driven from the device. This is useful for filtering out noise, as well as reducing the load on
the host processor for controls that tend to be "set and forget" (such as volume).
The data from the secondary ADC can also be streamed out of the device in TDM form and directly from the I2C
register map. AUXADC_DATA_CTRL (Page.0 0x58) is used to configure and check the status of the DC
detector.
Figure 36. DC Detection function
8.15 Audio Processing
Both DSP1 and DSP2 are fixed function processors that are not custom-programmable. They are used in this
device to perform multiple filtering and mixing functions. Programming the DSP coefficients is done indirectly
using registers on Page1. The data and target DSP memory address are stored in registers, and once the DSPs
are ready for the data (that is done by request) the data is then latched into the DSP memory.
This indirect method of programming the DSP allows multiple registers to be written, without consuming valuable
register map space. More details can be found in the Programming DSP Coefficients section.
8.15.1 DSP1 Processing Features
8.15.1.1 Digital Decimation Filters
The decimation filter used to convert the high-data-rate modulator to I2S rates is selectable between a Classic
FIR response and a low-latency IIR response. A high pass filter is also available to remove any DC bias that may
be present in the signal.
Details can be found in the DSP_CTRL register (Page.0, 0x71).
40
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com