Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 3Page - Texas Instruments PCM1861 Datasheet HTML 4Page - Texas Instruments PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
5 Mic Bias
GPIO 1 / Int A / DMIN
20
MISO / GPIO 0
21
MC / SCL
22
MOSI / SDA 23
MS / AD
24
MD0
25
VINR3 / VIN3P 30
VINL3 / VIN4P 29
VINR4 / VIN3M 28
VINL4 / VIN4M 27
1 VINL2 / VIN1M
2 VINR2 / VIN2M
3 VINL1 / VIN1P
4 VINR1 / VIN2P
6 VREF
7 AGND
8 AVDD
9
10
11
12
13
14
15 SCKI (3.3V)
26
LRCK
DOUT
17
BCK
16
GPIO 2 / Int B / DMCLK
19
GPIO 3 / Int C
18
XO
XI
LDO
DGND
DVDD
IOVDD
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
5.2 Pin Assignments, PCM1863, PCM1865
A.
The DMIN2 option for pin 22 is only available on the PCM1865 device.
Figure 2. Device Pin Assignments, PCM1863, PCM1865
Table 2. Pin Descriptions PCM1863, PCM1865
PIN
I/O
DESCRIPTIONS
NAME
NO.
VINL2/VIN1M
1
I
Analog input 2, L-channel (or Differential M input for input 1)
VINR2/VIN2M
2
I
Analog input 2, R-channel (or Differential M input for input 2)
VINL1/VIN1P
3
I
Analog input 1, L-channel (or Differential P input for input 1)
VINR1/VIN2P
4
I
Analog input 1, R-channel (or Differential P input for input 2)
Mic Bias
5
–
Mic Bias
VREF
6
–
Reference voltage decoupling (= 0.5 VCC)
AGND
7
–
Analog GND
AVDD
8
–
Analog power supply, +3.3V
XO
9
–
Oscillation amplifier output (Connect External Crystal if needed here)
XI
10
I
Oscillation amplifier input (Connect External Crystal if needed here)
LDO
11
–
LDO output (or +1.8V input to bypass LDO)
DGND
12
–
Digital GND
DVDD
13
–
Digital power supply, +3.3V
IOVDD
14
–
Power Supply for I/O Voltages (for example, +3.3V or +1.8V)
SCKI
15
I
CMOS Level (+3.3V) Master Clock Input
LRCK
16
I/O
Audio data latch enable input/output(1)
BCK
17
I/O
Audio data bit clock input/output (1)
DOUT
18
O
Audio data digital output
GPIO 3 / INT C
19
I/O
GPIO 3 or Interrupt C
GPIO2 / INT B / DMCLK
20
I/O
GPIO 2, Interrupt B or Digital Microphone Clock Output
(1)
Schmitt trigger input with internal pull-down (50k
Ω typically).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com