Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 99 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 95Page - Texas Instruments PCM1861 Datasheet HTML 96Page - Texas Instruments PCM1861 Datasheet HTML 97Page - Texas Instruments PCM1861 Datasheet HTML 98Page - Texas Instruments PCM1861 Datasheet HTML 99Page - Texas Instruments PCM1861 Datasheet HTML 100Page - Texas Instruments PCM1861 Datasheet HTML 101Page - Texas Instruments PCM1861 Datasheet HTML 102Page - Texas Instruments PCM1861 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
RSV
Reserved
Reserved. Do not access.
POL[1:0]
Polarity of the interrupt pulse
Default value: 01
00: Low Active
01: High Active (Default)
10: Open Drain (L-Active)
11: Reserved
WIDTH[1:0]
Width of the interrupt pulse
Default value: 00
00: 1 msec(Default)
01: 2 msec
10: 3 msec
11: Infinity for level sense
Page 0 / Register 112 (Hex 0x70)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
112
0x70
RSV
RSV
RSV
RSV
RSV
PWRDN
SLEEP
STBY
Reset Value
0
1
1
1
0
0
0
0
RSV
Reserved
Reserved. Do not access.
PWRDN
Enter Analog Power Down state
Default value: 0
0: Power Up (Default)
1: Power Down
SLEEP
Enter the Device Sleep state, once the chip goes into SLEEP state, Energysense application will be
triggered.
Default value: 0
0: Power Up (Default)
1: Sleep
STBY
Enter Digital Stand-by state
Default value: 0
0: Run (Default)
1: Stand-by
Page 0 / Register 113 (Hex 0x71)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
113
0x71
2CH
RSV
FLT
HPF_EN
MUTE_CH2_R
MUTE_CH2_L
MUTE_CH1_R
MUTE_CH1_L
Reset Value
0
0
0
1
0
0
0
0
RSV
Reserved
Reserved. Do not access.
2CH
DSP_CTRL
Select the processing mode for 4 channel device only. This configuration CANNOT be changed 'on the fly' in
RUN state.
Default value: 0
0: 4 channels (Default)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
99
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com