Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 15Page - Texas Instruments PCM1861 Datasheet HTML 16Page - Texas Instruments PCM1861 Datasheet HTML 17Page - Texas Instruments PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 115 page
background image
Mix
&
Mux
Mix
&
Mux
Audio
ADC
Audio
ADC
Analog
PGA
Digital
PGA
PGA Zero
Cross
Detect
VINL4 (4M)
VINL3 (4P)
VINL2 (1M)
VINL1 (1P)
VINR1 (2P)
VINR2 (2M)
VINR4 (3M)
VINR3 (3P)
Digital Microphone
PDM Input
(Software programmable devices only)
Decimation and other filters
Mic Bias
Generator
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
8.4 Analog Front End
Figure 20. High Level View of PCM186x Front End Circuitry
The PCM186x has a universal front end that accepts differential or single-ended inputs, from microphone level to
2.1VRMS. The highest performance (up to 110dB SNR) can be achieved using differential inputs.
The front-end Mix and MUX circuit allows both differential and single-ended inputs to be used in the products, as
well as direct Input mixing. This feature is mainly enabled on the software-controlled devices, while the hardware-
controlled devices support single-ended or differential inputs. The Mix and MUX circuits are summing circuits,
done pre-PGA. No individual volume controls are available before the PGA.
DC blocking capacitors are required on the inputs, to ensure that the DC bias conditions are known (assumed to
be GND, but not certain). Also, the value of the output short-circuit protection resistor in the source product is not
known, which could cause issues such as gain error and DC shift.
8.5 Microphone Support
The PCM186x supports analog and digital microphones. Analog signals are treated in much the same way as
line-level signals, except for the requirement for mic bias. Digital microphone Inputs (PDM inputs) use GPIOs on
the device. Two-channel ADC variants of the PCM186x family can support two digital microphones using a single
data pin and a single clock pin. The 4-channel variants can support up to 4 digital microphones (2 data pins).
Three gain choices are available in the PCM1861, controlled by pins MD2, MD5 and MD6; 0dB, 12dB, or 32dB.
The PCM186x software programmable devices support electret condenser mics through a mic bias circuit and a
PGA input providing up to 32dB of gain.
Digital microphones typically have a PDM output that can be brought into an ADC digital decimation filter. PDM
microphones require power and a clock. Power should be handled from an external source.
Digital microphone mode Gain can be added in the digital PGA and in the mixer. The Maximum gain is 30dB
(18dB in the mixer + 12dB in the digital PGA).
On the PCM1865, a 2-channel digital mic + 2-channel ADC mode is possible. With the PCM1863, four channels
are only possible with a ADC + I2S input configuration.
8.5.1 Mic Bias
The PCM186x can provide a microphone bias to power and bias microphones at 2.6V on pin 5. Mic Bias should
be decoupled/filtered with an external capacitor. Mic Bias is typically used with a electret microphone. An on-chip
series resistor can be bypassed using register MIC_BIAS_CTRL (Page.3, 0x15). By default, the device is
configured to bypass the on-chip resistor.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com