Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 42Page - Texas Instruments PCM1861 Datasheet HTML 43Page - Texas Instruments PCM1861 Datasheet HTML 44Page - Texas Instruments PCM1861 Datasheet HTML 45Page - Texas Instruments PCM1861 Datasheet HTML 46Page - Texas Instruments PCM1861 Datasheet HTML 47Page - Texas Instruments PCM1861 Datasheet HTML 48Page - Texas Instruments PCM1861 Datasheet HTML 49Page - Texas Instruments PCM1861 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
Interrupt
Generator
INT
Pulse Width
Energy sense
Clock Error Detector
DIN-Toggle
Status
Polarity
Control
Polarity
DC Level Change
Enable bits
Sticky registers
Clear bits
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
Interrupt Controller (continued)
The Software controlled devices have multiple signals that can be mapped to the interrupt outputs. These
include:
•
Energysense (DEFAULT)
•
Secondary ADC Controlsense Interrupt
•
Clock Error
•
DIN Toggle
The Interrupt controller has the following features
•
The Interrupt sources can be filtered by the enable register (INT_EN).
•
The Interrupt flags can be monitored by reading the status register (INT_STAT).
•
The interrupt flags can be cleared by writing the status register.
•
The polarity of the interrupt signal can be changed between active high, active low and Open Collector (High
Impedance is pulled to GND) (INT_PLS).
•
The pulse width of the interrupt signal can be changed between 1ms, 2ms, 3ms and Infinity (until the flag is
cleared).
Figure 43. Interrupt Logic
Using a combination of these features, as well as the interrupt sources, allows the PCM186x to alert a host
microcontroller of an event, using whichever polarity signal required (Pull High, Pull Low, Hiz-Open Collector).
The Host controller can then communicate with the device to poll the interrupt flag register to find out "what
happened". Additional registers can then be read for more details. (For instance, which input triggered an
Energysense event.)
8.20.1 Clock Error Detect
When a clock error occurs, the PCM186x starts the following sequence:
1. Mute audio output immediately (without volume ramp down)
2. Generate an interrupt if the clock error interrupt is enabled
3. Wait until proper clock is supplied (Known as "Clock Waiting State")
4. Restart the clock detection. The PLL and all clock dividers are reconfigured with the result of the detection.
5. Start Fade-IN
46
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com