Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 45Page - Texas Instruments PCM1861 Datasheet HTML 46Page - Texas Instruments PCM1861 Datasheet HTML 47Page - Texas Instruments PCM1861 Datasheet HTML 48Page - Texas Instruments PCM1861 Datasheet HTML 49Page - Texas Instruments PCM1861 Datasheet HTML 50Page - Texas Instruments PCM1861 Datasheet HTML 51Page - Texas Instruments PCM1861 Datasheet HTML 52Page - Texas Instruments PCM1861 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
1.4 V
1.4 V
t
LRDO
BCK
LRCK
0.5 V
DD
DOUT
t
LRCP
t
BCKH
t
BCKL
t
LRHD
t
LRSU
t
BCKP
t
CKDO
PCM1861, PCM1863, PCM1865
www.ti.com
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
Audio Format Selection and Timing Details (continued)
8.21.5.1 Interface Timing
Figure 45 and Figure 46 illustrate the interface timing in slave mode, and Figure 47 shows master mode.
PARAMETER(1)
MIN
TYP
MAX
UNIT
tBCKP
BCK Period
1/(64fS)
ns
tBCKH
BCK Pulse Width HIGH
1.5 × tSCKI
ns
tBCKL
BCK Pulse Width LOW
1.5 × tSCKI
ns
tLRSU
LRCK Set Up Time to BCK Rising Edge
50
ns
tLRHD
LRCK Hold Time to BCK Rising Edge
10
ns
tLRCP
LRCK Period
10
µs
tCKDO
Delay time BCK Falling Edge to DOUT Valid
–10
40
ns
tLRDO
Delay time LRCK Edge to DOUT Valid
–10
40
ns
tR
Rise Time of All Signals
20
ns
tF
Fall Time of All Signals
20
ns
(1)
Timing measurement reference level is 1.4V for input and 0.5VDD for output. Rise and fall times are measured from 10% to 90% of the
IN/OUT signals' swing. Load capacitance of DOUT is 20pF. tSCKI means SCKI period.
spacer
Figure 45. Audio Data Interface Timing (Slave Mode: LRCK and BCK work as inputs)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com