Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1861 Datasheet HTML 1Page - Texas Instruments PCM1861 Datasheet HTML 2Page - Texas Instruments PCM1861 Datasheet HTML 3Page - Texas Instruments PCM1861 Datasheet HTML 4Page - Texas Instruments PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
TMS320C5535
DOUT
BT Module
PCM1863/5
I
2
S
BCK
AUX
IN
2ch Single Ended
Analog
Sensor
PCM5121
TPA3116
TPA3116
PCM5100
BCK
LRCK
- Light Intensity
- Ultrasonic
- Battery Level
LRCK
2ch Single Ended
Burr-BrownAudio
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
1 Features
2 Applications
1
•
Universal Analog Mic Input, 2.1VRMS Full Scale
•
Home Theater and TV
•
Automotive Head Units
–
8 Analog Inputs with MUX and PGA
•
Bluetooth® Speaker
–
Analog pre-mix function before PGA/MUX
•
Microphone Array Processors
–
Single Ended, Pseudo-Differential or
Differential Inputs with Mic Bias
3 Description
–
4x Digital Microphone Inputs
The PCM186x family of audio front-end devices takes
•
Up to 4 Mono ADC channels (PCM1865)
a new approach to audio-function integration to ease
•
Hardware Control (PCM1861)
compliance with European Ecodesign legislation
•
I2C or SPI Control (PCM1863/5)
while enabling high-performance end products. With
no
need
for
a
5-volt
supply
or
an
external
•
H/W Programmable Gain Amplifier
programmable-gain
amplifier,
smaller,
smarter
–
Fixed Mic Pregain select : 20, 32dB (Analog)
products are feasible at reduced cost.
•
S/W Programmable Gain Amplifier
The PCM186x's highly flexible audio front end
•
Integrated High Performance Audio PLL
supports input levels from small-mV microphone
•
Single 3.3V Supply for Analog and Digital
inputs to 2.1VRMS line Inputs without external resistor
dividers.
The
PCM186x
family
integrates
many
–
Additional 1.8V Core and Interface for lower
system-level functions that assist or replace some
power consumption
DSP functions.
•
Power Dissipation at 3.3V: <85mW (PCM1861/3),
All these features are available using a single 3.3V
<145mW (PCM1865)
power
supply.
An
integrated
bandgap
voltage
•
'Energysense' Audio Content Detector - for auto
reference
provides
excellent
PSRR,
so
that
a
system wakeup and sleep
dedicated analog 3.3V rail may not be required.
•
Master or Slave Audio Interface:
Device Information(1)
•
Mixer functionality:
ORDER NUMBER
PACKAGE
BODY SIZE
–
Digital Mixer to mix ADC outputs and I2S
PCM1861
synchronous inputs
PCM1863
TSSOP (30)
7.80mm × 4.40mm
–
Zero Crossing PGA Gain changes
PCM1865
•
Automatic PGA Clipping Suppression control
(1)
For all available packages, see the orderable addendum at
•
PCB-footprint compatibility across all 3 devices
the end of this document.
Simplified Application Diagrams
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM1861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1861 TI1-PCM1861 Datasheet
2Mb / 141P
Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1861 TI2-PCM1861 Datasheet
2Mb / 145P
PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
REVISED MARCH 2018
PCM1861-Q1 TI1-PCM1861-Q1 Datasheet
2Mb / 141P
Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1861-Q1 TI2-PCM1861-Q1 Datasheet
2Mb / 145P
PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
REVISED MARCH 2018
PCM1861DBT TI2-PCM1861DBT Datasheet
2Mb / 145P
PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
REVISED MARCH 2018
More results

Similar Description - PCM1861

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
Universal AC Input Front End Module
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
Analog Audio Front-End
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
24bit 2ch ADC 24bit 4ch DAC with Audio DSP
logo
ams AG
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
ANALOG AUDIO FRONT-END
logo
Texas Instruments
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
PCM1860 TI1-PCM1860 Datasheet
6Mb / 115P
4ch Audio ADCs With Universal Front End
logo
ams AG
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
Analog Audio Front End
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
Universal Front End
logo
THOR communications
4HD-EM THOR-4HD-EM Datasheet
7Mb / 27P
2ch or 4ch HD-SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com