Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 26Page - Texas Instruments PCM1861 Datasheet HTML 27Page - Texas Instruments PCM1861 Datasheet HTML 28Page - Texas Instruments PCM1861 Datasheet HTML 29Page - Texas Instruments PCM1861 Datasheet HTML 30Page - Texas Instruments PCM1861 Datasheet HTML 31Page - Texas Instruments PCM1861 Datasheet HTML 32Page - Texas Instruments PCM1861 Datasheet HTML 33Page - Texas Instruments PCM1861 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
Table 9. PCM1863 Clock Divider and Source Control In The Presence Of External SCK
fS
SCK Ratio
SCK
PLL Ratio
PLL
PLL
DSP1 Clock
DSP1 Clock
DSP 2 Clock
DSP2 Clock
ADC Clock
ADC Clock
Frequency
Frequency
Configuration
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
Source
Divider
Source
Divider
Source
Divider
8 kHz
128
1.024
12288
98.304
P=0,R=1,
2.048
PLL
48
2.048
PLL
48
1.024
PLL
96
J=48, D=0
256
2.048
12288
98.304
P=0,R=1,
2.048
SCK
1
2.048
SCK
1
1.024
SCK
2
J=24, D=0
384
3.072
12288
98.304
P=0,R=1,
2.048
SCK
1
2.048
SCK
1
1.024
SCK
3
J=16, D=0
512
4.096
off
2.048
SCK
2
2.048
SCK
2
1.024
SCK
4
768
6.144
off
3.072
SCK
2
3.072
SCK
2
1.024
SCK
6
16 kHz
128
2.048
6144
98.304
P=0,R=1,
4.096
PLL
24
4.096
PLL
24
2.048
PLL
48
J=24, D=0
256
4.096
6144
98.304
P=0,R=1,
4.096
SCK
1
4.096
SCK
1
2.048
SCK
2
J=12, D=0
384
6.144
6144
98.304
P=0,R=1, J=8,
6.144
SCK
1
6.144
SCK
1
2.048
SCK
3
D=0
512
8.192
off
4.096
SCK
2
4.096
SCK
2
2.048
SCK
4
768
12.288
off
6.144
SCK
2
6.144
SCK
2
2.048
SCK
6
48 kHz
128
6.144
2048
98.304
P=0,R=1, J=8,
12.288
PLL
8
12.288
PLL
8
6.144
PLL
16
D=0
256
12.288
2048
98.304
P=1,R=1, J=8,
12.288
SCK
1
12.288
SCK
1
6.144
SCK
2
D=0
384
18.432
2048
98.304
P=2,R=1, J=8,
18.432
SCK
1
18.432
SCK
1
6.144
SCK
3
D=0
512
24.576
off
12.288
SCK
2
12.288
SCK
2
6.144
SCK
4
768
36.864
off
18.432
SCK
2
18.432
SCK
2
6.144
SCK
6
96 kHz
128
12.288
1024
98.304
P=3,R=1,
24.756
PLL
4
24.756
PLL
4
6.144
SCK
2
J=16, D=0
256
24.576
1024
98.304
P=7,R=1,
24.756
SCK
1
24.756
SCK
1
6.144
SCK
4
J=16, D=0
384
36.864
1024
98.304
P=11,R=1,
24.756
SCK
1
24.756
SCK
1
6.144
SCK
6
J=16, D=0
512
49.152
off
24.756
SCK
2
24.756
SCK
2
6.144
SCK
8
192 kHz
128
24.576
512
98.304
P=3,R=1, J=8,
49.152
PLL
2
49.152
PLL
2
6.144
SCK
4
D=0
256
49.152
512
98.304
P=7,R=1, J=8,
49.152
SCK
1
49.152
SCK
1
6.144
SCK
8
D=0
30
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com