Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1861
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1861 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 68Page - Texas Instruments PCM1861 Datasheet HTML 69Page - Texas Instruments PCM1861 Datasheet HTML 70Page - Texas Instruments PCM1861 Datasheet HTML 71Page - Texas Instruments PCM1861 Datasheet HTML 72Page - Texas Instruments PCM1861 Datasheet HTML 73Page - Texas Instruments PCM1861 Datasheet HTML 74Page - Texas Instruments PCM1861 Datasheet HTML 75Page - Texas Instruments PCM1861 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 115 page
background image
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
00_1011: VINL4[SE] + VINL2[SE] + VINL1[SE]
00_1100: VINL4[SE] + VINL3[SE]
00_1101: VINL4[SE] + VINL3[SE] + VINL1[SE]
00_1110: VINL4[SE] + VINL3[SE] + VINL2[SE]
00_1111: VINL4[SE] + VINL3[SE] + VINL2[SE] + VINL1[SE]
01_0000: {VIN1P, VIN1M}[DIFF]
10_0000: {VIN4P, VIN4M}[DIFF]
11_0000: {VIN1P, VIN1M}[DIFF] + {VIN4P, VIN4M}[DIFF]
Page 0 / Register 7 (Hex 0x07)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
7
0x07
POL
RSV
SEL_R5
SEL_R4
SEL_R3
SEL_R2
SEL_R1
SEL_R0
Reset Value
0
1
0
0
0
0
0
1
RSV
Reserved
Reserved. Do not access.
POL
ADC1_INPUT_SEL_R - Change signal polarity
Default value: 0
0: Normal (Default)
1: Inverted
SEL_R[5:0]
ADC Input Channel Select (ADC1R)
Default value: 000001
00_0000: No Select
00_0001: VINR1[SE] (Default)
00_0010: VINR2[SE]
00_0011: VINR2[SE] + VINR1[SE]
00_0100: VINR3[SE]
00_0101: VINR3[SE] + VINR1[SE]
00_0110: VINR3[SE] + VINR2[SE]
00_0111: VINR3[SE] + VINR2[SE] + VINR1[SE]
00_1000: VINR4[SE]
00_1001: VINR4[SE] + VINR1[SE]
00_1010: VINR4[SE] + VINR2[SE]
00_1011: VINR4[SE] + VINR2[SE] + VINR1[SE]
00_1100: VINR4[SE] + VINR3[SE]
00_1101: VINR4[SE] + VINR3[SE] + VINR1[SE]
00_1110: VINR4[SE] + VINR3[SE] + VINR2[SE]
00_1111: VINR4[SE] + VINR3[SE] + VINR2[SE] + VINR1[SE]
01_0000: {VIN2P, VIN2M}[DIFF]
10_0000: {VIN3P, VIN3M}[DIFF]
11_0000: {VIN2P, VIN2M}[DIFF] + {VIN3P, VIN3M}[DIFF]
Page 0 / Register 8 (Hex 0x08)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
8
0x08
POL
RSV
SEL_L5
SEL_L4
SEL_L3
SEL_L2
SEL_L1
SEL_L0
Reset Value
0
1
0
0
0
0
1
0
72
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com