Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 38Page - Analog Devices ADSP-SC583 Datasheet HTML 39Page - Analog Devices ADSP-SC583 Datasheet HTML 40Page - Analog Devices ADSP-SC583 Datasheet HTML 41Page - Analog Devices ADSP-SC583 Datasheet HTML 42Page - Analog Devices ADSP-SC583 Datasheet HTML 43Page - Analog Devices ADSP-SC583 Datasheet HTML 44Page - Analog Devices ADSP-SC583 Datasheet HTML 45Page - Analog Devices ADSP-SC583 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 168 page
background image
Rev. PrF
|
Page 42 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
529-BALL CSP_BGA SIGNAL DESCRIPTIONS
The processor’s pin definitions are shown Table 18. The col-
umns in this table provide the following information:
• Signal Name: The Signal Name column in the table
includes the signal name for every pin and (where applica-
ble) the GPIO multiplexed pin function for every pin.
• Description: The Description column in the table provides
a verbose (descriptive) name for the signal.
• General-Purpose Port: The Port column in the table shows
whether or not the signal is multiplexed with other signals
on a general-purpose I/O port pin.
• Pin Name: The Pin Name column in the table identifies the
name of the package pin (at power on reset) on which the
signal is located (if a single function pin) or is multiplexed
(if a general-purpose I/O pin).
Table 18. ADSP-SC58x/ADSP-2158x 529-Ball CSP_BGA Signal Descriptions
Signal Name
Description
Port
Pin Name
ACM0_A0
ACM0 ADC Control Signals
C
PC_13
ACM0_A1
ACM0 ADC Control Signals
C
PC_14
ACM0_A2
ACM0 ADC Control Signals
C
PC_15
ACM0_A3
ACM0 ADC Control Signals
D
PD_00
ACM0_A4
ACM0 ADC Control Signals
D
PD_01
ACM0_T0
ACM0 External Trigger n
C
PC_12
C1_FLG0
SHARC Core 1 Flag Pin
E
PE_01
C1_FLG1
SHARC Core 1 Flag Pin
E
PE_03
C1_FLG2
SHARC Core 1 Flag Pin
E
PE_05
C1_FLG3
SHARC Core 1 Flag Pin
E
PE_07
C2_FLG0
SHARC Core 2 Flag Pin
E
PE_02
C2_FLG1
SHARC Core 2 Flag Pin
E
PE_04
C2_FLG2
SHARC Core 2 Flag Pin
E
PE_06
C2_FLG3
SHARC Core 2 Flag Pin
E
PE_08
CAN0_RX
CAN0 Receive
C
PC_07
CAN0_TX
CAN0 Transmit
C
PC_08
CAN1_RX
CAN1 Receive
B
PB_10
CAN1_TX
CAN1 Transmit
B
PB_09
CNT0_DG
CNT0 Count Down and Gate
B
PB_14
CNT0_UD
CNT0 Count Up and Direction
B
PB_12
CNT0_ZM
CNT0 Count Zero Marker
B
PB_11
DAI0_PIN01
DAI0 Pin 1
Not Muxed
DAI0_PIN01
DAI0_PIN02
DAI0 Pin 2
Not Muxed
DAI0_PIN02
DAI0_PIN03
DAI0 Pin 3
Not Muxed
DAI0_PIN03
DAI0_PIN04
DAI0 Pin 4
Not Muxed
DAI0_PIN04
DAI0_PIN05
DAI0 Pin 5
Not Muxed
DAI0_PIN05
DAI0_PIN06
DAI0 Pin 6
Not Muxed
DAI0_PIN06
DAI0_PIN07
DAI0 Pin 7
Not Muxed
DAI0_PIN07
DAI0_PIN08
DAI0 Pin 8
Not Muxed
DAI0_PIN08
DAI0_PIN09
DAI0 Pin 9
Not Muxed
DAI0_PIN09
DAI0_PIN10
DAI0 Pin 10
Not Muxed
DAI0_PIN10
DAI0_PIN11
DAI0 Pin 11
Not Muxed
DAI0_PIN11
DAI0_PIN12
DAI0 Pin 12
Not Muxed
DAI0_PIN12
DAI0_PIN13
DAI0 Pin 13
Not Muxed
DAI0_PIN13
DAI0_PIN14
DAI0 Pin 14
Not Muxed
DAI0_PIN14
DAI0_PIN15
DAI0 Pin 15
Not Muxed
DAI0_PIN15
DAI0_PIN16
DAI0 Pin 16
Not Muxed
DAI0_PIN16
DAI0_PIN17
DAI0 Pin 17
Not Muxed
DAI0_PIN17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com